Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 5 Page - Linear Technology

  LTC3548 Datasheet HTML 1Page - Linear Technology LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3548
5
3548fc
VFB1 (Pin 1): Output Feedback. Receives the feedback
voltage from the external resistive divider across the
output. Nominal voltage for this pin is 0.6V.
RUN1 (Pin 2): Regulator 1 Enable. Forcing this pin to VIN
enables regulator 1, while forcing it to GND causes regulator
1 to shut down. This pin must be driven; do not float.
VIN (Pin3):MainPowerSupply.Mustbecloselydecoupled
to GND.
SW1 (Pin 4): Regulator 1 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
GND (Pin 5): Ground. This pin is not connected internally.
Connect to PCB ground for optimum shielding.
MODE/SYNC (Pin 6): Combination Mode Selection and
Oscillator Synchronization. This pin controls the operation
of the device. When tied to VIN or GND, Burst Mode
operation or pulse-skipping mode is selected, respectively.
Do not float this pin. The oscillation frequency can be
synchronized to an external oscillator applied to this pin
and pulse-skipping mode is automatically selected.
SW2 (Pin 7): Regulator 2 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
POR (Pin 8): Power-On Reset . This common-drain logic
output is pulled to GND when the output voltage falls
below –8.5% of regulation and goes high after 117ms
when both channels are within regulation.
RUN2 (Pin 9): Regulator 2 Enable. Forcing this pin to VIN
enables regulator 2, while forcing it to GND causes regulator
2 to shut down. This pin must be driven; do not float.
VFB2 (Pin 10): Output Feedback. Receives the feedback
voltage from the external resistive divider across the output.
Nominal voltage for this pin is 0.6V.
Exposed Pad (GND) (Pin 11): Power Ground. Connect to
the (–) terminal of COUT, and (–) terminal of CIN. Must be
connected to electrical ground on PCB.
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
TA = 25°C unless otherwise specified.
LOAD CURRENT (mA)
1
100
90
80
70
60
50
40
10
100
1000
3548 G10
3.6V
2.7V
4.2V
VOUT = 2.5V, CHANNEL 1
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
CIRCUIT OF FIGURE 3
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3548 G14
2.7V
4.2V
VOUT = 1.5V, CHANNEL 1
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
CIRCUIT OF FIGURE 3
3.6V
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3548 G13
2.7V
4.2V
VOUT = 1.2V, CHANNEL 1
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
CIRCUIT OF FIGURE 3
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com