Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology LTC3548 Datasheet HTML 10Page - Linear Technology LTC3548 Datasheet HTML 11Page - Linear Technology LTC3548 Datasheet HTML 12Page - Linear Technology LTC3548 Datasheet HTML 13Page - Linear Technology LTC3548 Datasheet HTML 14Page - Linear Technology LTC3548 Datasheet HTML 15Page - Linear Technology LTC3548 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3548
14
3548fc
TYPICAL APPLICATIONS
RUN2
VIN
VIN = 3.6V
TO 5.5V
VOUT2 = 3.3V
AT 400mA
VOUT1 = 1.8V
AT 800mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
C1*
10μF
R5
100k
POWER-ON
RESET
C4, 33pF
C5, 68pF
L1
2.2μH
L2
4.7μH
R4
887k
R2
604k
R1
301k
R3
196k
C3
4.7μF
C2
10μF
3548 TA07
C1, C2: MURATA GRM219R60J106KE19
C3: MURATA GRM219R60J475KE19
L1: COILTRONICS LPO3310-222MX
L2: COILTRONICS LPO3310-472MX
*IF C1 IS GREATER THAN 3" FROM POWER SOURCE,
ADDITIONAL CAPACITANCE MAY BE REQUIRED.
1mm Profile Core and I/O Supplies
Efficiency vs Load Current
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3548 TA08
3.3V
1.8V
VIN = 5V
Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699 Rev B)
3.00 0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION
OF (WEED-2). CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT
STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
1.65
0.10
(2 SIDES)
0.75 0.05
R = 0.125
TYP
2.38 0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN REV B 0309
0.25
0.05
2.38 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 0.05
(2 SIDES)
2.15 0.05
0.50
BSC
0.70 0.05
3.55 0.05
PACKAGE
OUTLINE
0.25
0.05
0.50 BSC
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com