Electronic Components Datasheet Search
  English  ▼

X  

TLV2556IPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 26Page - Texas Instruments TLV2556IPWR Datasheet HTML 27Page - Texas Instruments TLV2556IPWR Datasheet HTML 28Page - Texas Instruments TLV2556IPWR Datasheet HTML 29Page - Texas Instruments TLV2556IPWR Datasheet HTML 30Page - Texas Instruments TLV2556IPWR Datasheet HTML 31Page - Texas Instruments TLV2556IPWR Datasheet HTML 32Page - Texas Instruments TLV2556IPWR Datasheet HTML 33Page - Texas Instruments TLV2556IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
30
www.ti.com
PRINCIPLES OF OPERATION
bipolar output format
D0 in the CFGR1 controls the binary data format used to represent the conversion result. When D0 is cleared
to 0, the conversion result is represented as unipolar (unsigned binary) data. Nominally, the conversion result
of an input voltage equal to or less than VREF– is a code with all zeros (000 . . . 0) and the conversion result of
an input voltage equal to or greater than VREF+ is a code of all ones (111 . . . 1). The conversion result of (VREF+
+ VREF–)/2 is a code of a one followed by zeros (100 ...0).
When D0 is set to 1, the conversion result is represented as bipolar (signed binary) data. Nominally, conversion
of an input voltage equal to or less than VREF– is a code of a one followed by zeros (100 . . . 0), and the conversion
of an input voltage equal to or greater than VREF+ is a code of a zero followed by all ones
(011 . . . 1). The conversion result of (VREF+ + VREF–)/2 is a code of all zeros (000 . . . 0). The MSB is interpreted
as the sign bit. The bipolar data format is related to the unipolar format in that the MSBs are always each other’s
complement.
Selection of the unipolar or bipolar format always affects the current conversion cycle, and the result is output
during the next I/O cycle. When changing between unipolar and bipolar formats, the data output during the
current I/O cycle is not affected.
reference
The device has a built-in reference with a programmable level of 2.048 V or 4.096 V. If the internal reference
is used, REF+ is set to 2.048 V or 4.096 V and REF– is set to analog GND. An external reference can also be
used through two reference input pins, REF+ and REF–, if the reference source is programmed as external.
The voltage levels applied to these pins establish the upper and lower limits of the analog inputs to produce a
full-scale and zero-scale reading respectively. The values of REF+, REF–, and the analog input should not
exceed the positive supply or be lower than GND consistent with the specified absolute maximum ratings. The
digital output is at full scale when the input signal is equal to or higher than REF+ and at zero when the input
signal is equal to or lower than REF–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com