Electronic Components Datasheet Search
  English  ▼

X  

TLV2556IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 10Page - Texas Instruments TLV2556IPWR Datasheet HTML 11Page - Texas Instruments TLV2556IPWR Datasheet HTML 12Page - Texas Instruments TLV2556IPWR Datasheet HTML 13Page - Texas Instruments TLV2556IPWR Datasheet HTML 14Page - Texas Instruments TLV2556IPWR Datasheet HTML 15Page - Texas Instruments TLV2556IPWR Datasheet HTML 16Page - Texas Instruments TLV2556IPWR Datasheet HTML 17Page - Texas Instruments TLV2556IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
14
www.ti.com
TYPICAL CHARACTERISTICS
Figure 15
0
0.1
0.2
0.3
0.4
0.5
–40
25
85
SOFTWARE POWER DOWN
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
Figure 16
–40
25
85
4-V INTERNAL REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
Figure 17
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
–40
25
85
MAXIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
Figure 18
–1
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–40
25
85
MINIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
NOTE: All typical curves are with internal reference unless specified otherwise. Refer to the TLV2553 data sheet (SLAS354) for typical curves
using an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com