Electronic Components Datasheet Search
  English  ▼

X  

TLV2556IPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 16Page - Texas Instruments TLV2556IPWR Datasheet HTML 17Page - Texas Instruments TLV2556IPWR Datasheet HTML 18Page - Texas Instruments TLV2556IPWR Datasheet HTML 19Page - Texas Instruments TLV2556IPWR Datasheet HTML 20Page - Texas Instruments TLV2556IPWR Datasheet HTML 21Page - Texas Instruments TLV2556IPWR Datasheet HTML 22Page - Texas Instruments TLV2556IPWR Datasheet HTML 23Page - Texas Instruments TLV2556IPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
20
www.ti.com
TYPICAL CHARACTERISTICS
Figure 36
–1.5
–1
–0.5
0
0.5
1
1.5
Codes
INTEGRAL NONLINEARITY ERROR
vs
CODES
0
1024
2048
3072
4096
VCC = 5.5 V, VREF+ = 2.048 V, VREF– = 0 V,
I/O CLOCK = 15 MHz, 200 KSPS, TA = 25°C
NOTE: All typical curves are with internal reference unless specified otherwise. Refer to the TLV2553 data sheet (SLAS354) for typical curves
using an external reference.
PARAMETER MEASUREMENT INFORMATION
Figure 37. DATA OUT to Hi-Z Voltage
Waveforms
VIL
VIH
VOH
VOL
td1
td2
CS
DATA
OUT
VIH
VIL
Data Valid
tsu1
DATA IN
I/O CLOCK
VIL
VIH
th1
Figure 38. DATA IN and I/O CLOCK Voltage
VIL
VIH
th2
VIL
VIH
tsu2
th3
CS
I/O CLOCK
Last
Clock
VIL
VIH
tt1
tt1
I/O CLOCK Period
td3
th4
VOH
VOL
tt2
I/O CLOCK
DATA
OUT
Figure 39. CS and I/O CLOCK Voltage
Waveforms
Figure 40. I/O CLOCK and DATA OUT Voltage
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com