Electronic Components Datasheet Search
  English  ▼

X  

TLV2556IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPWR
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2556IPWR Datasheet HTML 19Page - Texas Instruments TLV2556IPWR Datasheet HTML 20Page - Texas Instruments TLV2556IPWR Datasheet HTML 21Page - Texas Instruments TLV2556IPWR Datasheet HTML 22Page - Texas Instruments TLV2556IPWR Datasheet HTML 23Page - Texas Instruments TLV2556IPWR Datasheet HTML 24Page - Texas Instruments TLV2556IPWR Datasheet HTML 25Page - Texas Instruments TLV2556IPWR Datasheet HTML 26Page - Texas Instruments TLV2556IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
23
www.ti.com
PARAMETER MEASUREMENT INFORMATION
timing diagrams (continued)
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
1
2
3
5
4
6
1
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 LSB+1
LSB
Hi–Z State
2
3
D6
D5
D4
D3
D2
D1
D0
D6
D5
D7
8
7
D7
MSB
MSB
MSB–2
MSB–1
4
5
6
7
D4
D3
MSB–4
MSB–3
D2
D1
MSB–6
MSB–5
Access
Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
tconv
Previous Conversion Data
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
INT
Initialize
Initialize
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed.
Figure 48. Timing for 8-Clock Transfer Using CS With DATA OUT Set for MSB First
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
MSB
1
2
3
5
4
6
1
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 LSB+1
LSB
2
3
D6
D5
8
7
D7
Low Level
MSB
D6
D5
D4
D3
D2
D1
D0
D7
MSB–2
MSB–1
4
5
6
7
D4
D3
MSB–4
MSB–3
D2
D1
MSB–6
MSB–5
Access
Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
tconv
Previous Conversion Data
Initialize
Initialize
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
INT
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed.
Figure 49. Timing for 8-Clock Transfer Not Using CS With DATA OUT Set for MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com