Electronic Components Datasheet Search
  English  ▼

X  

LMC6041IM Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6041IM
Description  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041IM Datasheet(HTML) 4 Page - Texas Instruments

  LMC6041IM Datasheet HTML 1Page - Texas Instruments LMC6041IM Datasheet HTML 2Page - Texas Instruments LMC6041IM Datasheet HTML 3Page - Texas Instruments LMC6041IM Datasheet HTML 4Page - Texas Instruments LMC6041IM Datasheet HTML 5Page - Texas Instruments LMC6041IM Datasheet HTML 6Page - Texas Instruments LMC6041IM Datasheet HTML 7Page - Texas Instruments LMC6041IM Datasheet HTML 8Page - Texas Instruments LMC6041IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMC6041
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
LMC6041AI
LMC6041I
Units
Parameter
Test Conditions
Typical(1)
Limit(2)
Limit(2)
(Limit)
ISC
Output Current
Sourcing, VO = 0V
22
16
13
mA
V+ = 5V
10
8
min
Sinking, VO = 5V
21
16
13
mA
8
8
min
ISC
Output Current
Sourcing, VO = 0V
40
15
15
mA
V+ = 15V
10
10
min
Sinking, VO = 13V
(4)
39
24
21
mA
8
8
min
IS
Supply Current
VO = 1.5V
14
20
26
μA
24
30
max
V+ = 15V
18
26
34
μA
31
39
max
(4)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
LMC6041AI
LMC6041I
Units
Parameter
Test Conditions
Typ(1)
(Limit)
Limit(2)
Limit(2)
SR
Slew Rate
See(3)
0.02
0.015
0.010
V/
μs
0.010
0.007
min
GBW
Gain-Bandwidth Product
75
kHz
φm
Phase Margin
60
Deg
en
Input-Referred Voltage Noise
F = 1 kHz
83
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
THD
Total Harmonic Distortion
F = 1 kHz, AV = −5
0.01
%
RL = 100 kΩ, VO = 2 Vpp
±5V Supply
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are ensured at room temperature (standard type face) or at operating temperature extremes (bold face type).
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified in the slower of the positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com