Electronic Components Datasheet Search
  English  ▼

X  

LMC6041IM Datasheet(PDF) 13 Page - Texas Instruments

Part # LMC6041IM
Description  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041IM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC6041IM Datasheet HTML 9Page - Texas Instruments LMC6041IM Datasheet HTML 10Page - Texas Instruments LMC6041IM Datasheet HTML 11Page - Texas Instruments LMC6041IM Datasheet HTML 12Page - Texas Instruments LMC6041IM Datasheet HTML 13Page - Texas Instruments LMC6041IM Datasheet HTML 14Page - Texas Instruments LMC6041IM Datasheet HTML 15Page - Texas Instruments LMC6041IM Datasheet HTML 16Page - Texas Instruments LMC6041IM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LMC6041
www.ti.com
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
Figure 35. Air Wiring
Typical Single-Supply Applications
(V+ = 5.0 VDC)
The extremely high input impedance, and low power consumption, of the LMC6041 make it ideal for applications
that require battery-powered instrumentation amplifiers. Examples of these type of applications are hand-held pH
probes, analytic medical instruments, magnetic field detectors, gas detectors, and silicon based pressure
transducers.
Figure 36. Two Op-Amp Instrumentation Amplifier
The circuit in Figure 36 is recommended for applications where the common-mode input range is relatively low
and the differential gain will be in the range of 10 to 1000. This two op-amp instrumentation amplifier features an
independent adjustment of the gain and common-mode rejection trim, and a total quiescent supply current of less
than 28
μA. To maintain ultra-high input impedance, it is advisable to use ground rings and consider PC board
layout an important part of the overall system design (see Printed-Circuit-Board Layout for High Impedance
Work). Referring to Figure 36, the input voltages are represented as a common-mode input VCM plus a
differential input VD.
Rejection of the common-mode component of the input is accomplished by making the ratio of R1/R2 equal to
R3/R4. So that where,
(3)
A suggested design guideline is to minimize the difference of value between R1 through R4. This will often result
in improved resistor tempco, amplifier gain, and CMRR over temperature. If RN = R1 = R2 = R3 = R4 then the
gain equation can be simplified:
(4)
Due to the “zero-in, zero-out” performance of the LMC6041, and output swing rail-rail, the dynamic range is only
limited to the input common-mode range of 0V to VS–2.3V, worst case at room temperature. This feature of the
LMC6041 makes it an ideal choice for low-power instrumentation systems.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com