Electronic Components Datasheet Search
  English  ▼

X  

LMC6041IM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC6041IM
Description  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041IM Datasheet(HTML) 3 Page - Texas Instruments

  LMC6041IM Datasheet HTML 1Page - Texas Instruments LMC6041IM Datasheet HTML 2Page - Texas Instruments LMC6041IM Datasheet HTML 3Page - Texas Instruments LMC6041IM Datasheet HTML 4Page - Texas Instruments LMC6041IM Datasheet HTML 5Page - Texas Instruments LMC6041IM Datasheet HTML 6Page - Texas Instruments LMC6041IM Datasheet HTML 7Page - Texas Instruments LMC6041IM Datasheet HTML 8Page - Texas Instruments LMC6041IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LMC6041
www.ti.com
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
LMC6041AI
LMC6041I
Units
Parameter
Test Conditions
Typical(1)
Limit(2)
Limit(2)
(Limit)
VOS
Input Offset Voltage
1
3
6
mV
3.3
6.3
max
TCVOS
Input Offset Voltage
1.3
μV/°C
Average Drift
IB
Input Bias Current
0.002
pA
4
4
max
IOS
Input Offset Current
0.001
pA
2
2
max
RIN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 12.0V
75
68
62
dB
Ratio
V+ = 15V
66
60
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
75
68
62
dB
Rejection Ratio
VO = 2.5V
66
60
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
74
dB
Rejection Ratio
VO = 2.5V
83
73
min
CMR
Input Common-Mode
V+ = 5V and 15V
−0.4
−0.1
−0.1
V
Voltage Range
for CMRR
≥ 50 dB
0
0
max
V+
− 1.9V
V+
− 2.3V
V+
− 2.3V
V
V+
− 2.5V
V+
− 2.4V
min
AV
Large Signal Voltage Gain
RL = 100 kΩ
(3)
Sourcing
1000
400
300
V/mV
300
200
min
Sinking
500
180
90
V/mV
120
70
min
RL = 25 kΩ
(3)
Sourcing
1000
200
100
V/mV
160
80
min
Sinking
250
100
50
V/mV
60
40
min
VO
Output Swing
V+ = 5V
4.987
4.970
4.940
V
RL = 100 kΩ to V
+/2
4.950
4.910
min
0.004
0.030
0.060
V
0.050
0.090
max
V+ = 5V
4.980
4.920
4.870
V
RL = 25 kΩ to V
+/2
4.870
4.820
min
0.010
0.080
0.130
V
0.130
0.180
max
V+ = 15V
14.970
14.920
14.880
V
RL = 100 kΩ to V
+/2
14.880
14.820
min
0.007
0.030
0.060
V
0.050
0.090
max
V+ = 15V
14.950
14.900
14.850
V
RL = 25 kΩ to V
+/2
14.850
14.800
min
0.022
0.100
0.150
V
0.150
0.200
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are ensured at room temperature (standard type face) or at operating temperature extremes (bold face type).
(3)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com