Electronic Components Datasheet Search
  English  ▼

X  

LMC6041IM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC6041IM
Description  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041IM Datasheet(HTML) 5 Page - Texas Instruments

  LMC6041IM Datasheet HTML 1Page - Texas Instruments LMC6041IM Datasheet HTML 2Page - Texas Instruments LMC6041IM Datasheet HTML 3Page - Texas Instruments LMC6041IM Datasheet HTML 4Page - Texas Instruments LMC6041IM Datasheet HTML 5Page - Texas Instruments LMC6041IM Datasheet HTML 6Page - Texas Instruments LMC6041IM Datasheet HTML 7Page - Texas Instruments LMC6041IM Datasheet HTML 8Page - Texas Instruments LMC6041IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LMC6041
www.ti.com
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
Typical Performance Characteristics
VS = ± 7.5V, TA = 25°C unless otherwise specified
Supply Current
Offset Voltage
vs
vs
Supply Voltage
Temperature of Five Representative Units
Figure 3.
Figure 4.
Input Bias Current
Input Bias Current
vs
vs
Temperature
Input Common-Mode Voltage
Figure 5.
Figure 6.
Input Common-Mode Voltage Range
vs
Output Characteristics
Temperature
Current Sinking
Figure 7.
Figure 8.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com