Electronic Components Datasheet Search
  English  ▼

X  

LMC6041IM Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6041IM
Description  LMC6041 CMOS Single Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6041IM Datasheet(HTML) 1 Page - Texas Instruments

  LMC6041IM Datasheet HTML 1Page - Texas Instruments LMC6041IM Datasheet HTML 2Page - Texas Instruments LMC6041IM Datasheet HTML 3Page - Texas Instruments LMC6041IM Datasheet HTML 4Page - Texas Instruments LMC6041IM Datasheet HTML 5Page - Texas Instruments LMC6041IM Datasheet HTML 6Page - Texas Instruments LMC6041IM Datasheet HTML 7Page - Texas Instruments LMC6041IM Datasheet HTML 8Page - Texas Instruments LMC6041IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LMC6041
www.ti.com
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
LMC6041 CMOS Single Micropower Operational Amplifier
Check for Samples: LMC6041
1
FEATURES
DESCRIPTION
Ultra-low power consumption and low input-leakage
2
•
Low Supply Current:
14
μA (Typ)
current are the hallmarks of the LMC6041. Providing
•
Operates from 4.5V to 15.5V Single Supply
input currents of only 2 fA typical, the LMC6041 can
•
Ultra Low Input Current:
2 fA (Typ)
operate from a single supply, has output swing
extending to each supply rail, and an input voltage
•
Rail-to-Rail Output Swing
range that includes ground.
•
Input Common-Mode Range Includes Ground
The LMC6041 is ideal for use in systems requiring
ultra-low
power
consumption.
In
addition,
the
APPLICATIONS
insensitivity to latch-up, high output drive, and output
•
Battery Monitoring and Power Conditioning
swing to ground without requiring external pull-down
•
Photodiode and Infrared Detector Preamplifier
resistors make it ideal for single-supply battery-
powered systems.
•
Silicon Based Transducer Systems
•
Hand-Held Analytic Instruments
Other applications for the LMC6041 include bar code
reader
amplifiers,
magnetic
and
electric
field
•
pH Probe Buffer Amplifier
detectors, and hand-held electrometers.
•
Fire and Smoke Detection Systems
This device is built with TI's advanced Double-Poly
•
Charge Amplifier for Piezoelectric Transducers
Silicon-Gate CMOS process.
See the LMC6042 for a dual, and the LMC6044 for a
quad amplifier with these features.
Connection Diagrams
Top View
Figure 1. 8-Pin SOIC or PDIP Package
See Package Number D0008A or P0008E
Figure 2. Low-Leakage Sample and Hold
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6041IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041IM NSC-LMC6041IM Datasheet
381Kb / 12P
CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041IM TI1-LMC6041IM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041IM NSC-LMC6041IM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041IM TI1-LMC6041IM Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
LMC6041IM/NOPB TI1-LMC6041IM/NOPB Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
More results

Similar Description - LMC6041IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com