Electronic Components Datasheet Search
  English  ▼

X  

PCM1802DB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 2 Page - Texas Instruments

  PCM1802DB Datasheet HTML 1Page - Texas Instruments PCM1802DB Datasheet HTML 2Page - Texas Instruments PCM1802DB Datasheet HTML 3Page - Texas Instruments PCM1802DB Datasheet HTML 4Page - Texas Instruments PCM1802DB Datasheet HTML 5Page - Texas Instruments PCM1802DB Datasheet HTML 6Page - Texas Instruments PCM1802DB Datasheet HTML 7Page - Texas Instruments PCM1802DB Datasheet HTML 8Page - Texas Instruments PCM1802DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VINL
VINR
VREF1
VREF2
VCC
AGND
PDWN
BYPAS
FSYNC
LRCK
MODE1
MODE0
FMT1
FMT0
OSR
SCKI
VDD
DGND
DOUT
BCK
PCM1802
(TOP VIEW)
P0009-02
Single-End
/Differential
Converter
BCK
VINL
Reference
Single-End
/Differential
Converter
VREF1
VREF2
VINR
5th Order
Delta-Sigma
Modulator
5th Order
Delta-Sigma
Modulator
×1/64 (×1/128)
Decimation
Filter
with
High-Pass Filter
Power Supply
AGND
VCC
VDD
DGND
Clock and Timing Control
Serial
Interface
Mode/
Format
Control
LRCK
FSYNC
DOUT
FMT0
FMT1
MODE0
MODE1
BYPAS
OSR
PDWN
SCKI
B0004-07
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
This device contains circuits to protect its inputs and outputs against damage due to high static voltages
or electrostatic fields. These circuits have been qualified to protect this device against electrostatic
discharges (ESD) of up to 2 kV according to MIL-STD-883C, Method 3015; however, it is advised that
precautions be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the
device should be placed in conductive foam. In a circuit, unused inputs should always be connected to
an appropriated logic voltage level, preferably either VCC or ground. Specific guidelines for handling
devices of this type are contained in the publication Electrostatic Discharge (ESD) (SSYA010) available
from Texas Instruments.
BLOCK DIAGRAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com