Electronic Components Datasheet Search
  English  ▼

X  

PCM1802DB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 16Page - Texas Instruments PCM1802DB Datasheet HTML 17Page - Texas Instruments PCM1802DB Datasheet HTML 18Page - Texas Instruments PCM1802DB Datasheet HTML 19Page - Texas Instruments PCM1802DB Datasheet HTML 20Page - Texas Instruments PCM1802DB Datasheet HTML 21Page - Texas Instruments PCM1802DB Datasheet HTML 22Page - Texas Instruments PCM1802DB Datasheet HTML 23Page - Texas Instruments PCM1802DB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.ti.com
1/fS
32/fS
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
T0020-05
Power Down, HPF Bypass, Oversampling Control
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
It is recommended to set PDWN low to get stable analog performance when the sampling rate, interface mode,
data format, or oversampling control is changed.
Figure 28. ADC Digital Output for Loss of Synchronization and Resynchronization
PDWN (pin 7) controls the entire ADC operation. During power-down mode, both the supply current for the
analog portion and the clock signal for the digital portion are shut down, and power dissipation is minimized.
Also, DOUT (pin 12) is disabled and no system clock is accepted during power-down mode.
Power-Down Control
PDWN
MODE
LOW
Power-down mode
HIGH
Normal operation mode
The built-in function for dc component rejection can be bypassed using the BYPAS (pin 8) control. In bypass
mode, the dc components of the analog input signal, internal dc offset, etc., are also converted and included in
the digital output data.
HPF Bypass Control
BYPAS
HPF (HIGH-PASS FILTER) MODE
LOW
Normal (no dc component on DOUT) mode
HIGH
Bypass (dc component on DOUT) mode
OSR (pin 16) controls the oversampling ratio of the delta-sigma modulator,
×64 or ×128. The ×128 mode is
available for fS < 50 kHz, and must be used carefully as performance is affected by the duty cycle of the 384 fS
system clock.
Oversampling Control
OSR
OVERSAMPLING RATIO
LOW
×64
HIGH
×128 (f
S < 50 kHz)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com