Electronic Components Datasheet Search
  English  ▼

X  

PCM1802DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 4 Page - Texas Instruments

  PCM1802DB Datasheet HTML 1Page - Texas Instruments PCM1802DB Datasheet HTML 2Page - Texas Instruments PCM1802DB Datasheet HTML 3Page - Texas Instruments PCM1802DB Datasheet HTML 4Page - Texas Instruments PCM1802DB Datasheet HTML 5Page - Texas Instruments PCM1802DB Datasheet HTML 6Page - Texas Instruments PCM1802DB Datasheet HTML 7Page - Texas Instruments PCM1802DB Datasheet HTML 8Page - Texas Instruments PCM1802DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
all specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio
=
×128, 24-bit data (unless otherwise noted)
PCM1802DB
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
24
Bits
DATA FORMAT
Left-justified, I2S,
Audio data interface format
right-justified
Audio data bit length
20, 24
Bits
Audio data format
MSB first, 2s complement
fS
Sampling frequency
16
44.1
96
kHz
256 fS
4.096
11.2896
24.576
384 fS
6.144
16.9344
36.864
System clock frequency
MHz
512 fS
8.192
22.5792
49.152
768 fS
12.288
33.8688
(1)
INPUT LOGIC
VIH(2)
2
VDD
VIL(2)
0
0.8
Input logic level
VDC
VIH(3)
2
5.5
VIL(3)
0
0.8
IIH(4)
VIN = VDD
±10
IIL(4)
VIN = 0 V
±10
Input logic current
µA
IIH(5)
VIN = VDD
65
100
IIL(5)
VIN = 0 V
±10
OUTPUT LOGIC
VOH(6)
IOUT = –1 mA
2.8
Output logic level
VDC
VOL(6)
IOUT = 1 mA
0.5
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±4 %FSR
Gain error
±2
±6 %FSR
Bipolar zero error
HPF bypassed (7)
±2
%FSR
DYNAMIC PERFORMANCE (8)
fS = 44.1 kHz, VIN = –0.5 dB
0.0015%
0.003%
fS = 96 kHz, VIN = –0.5 dB (9)
0.0025%
THD+N
Total harmonic distortion + noise
fS = 44.1 kHz, VIN = –60 dB
0.7%
fS = 96 kHz, VIN = –60 dB (9)
1.2%
fS = 44.1 kHz, A-weighted
100
105
Dynamic range
dB
fS = 96 kHz, A-weighted (9)
103
fS = 44.1 kHz, A-weighted
100
105
S/N ratio
dB
fS = 96 kHz, A-weighted (9)
103
(1)
Maximum system clock frequency is not applicable at 768 fS, fS = 96 kHz. See the System Clock section of this data sheet.
(2)
Pins 9–11: FSYNC, LRCK, BCK (Schmitt-trigger input in slave mode)
(3)
Pins 7–8, 15–20: PDWN, BYPAS, SCKI, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, 5-V tolerant)
(4)
Pins 9–11, 15: FSYNC, LRCK, BCK (Schmitt-trigger input in slave mode), SCKI (Schmitt-trigger input)
(5)
Pins 7–8, 16–20: PDWN, BYPAS, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, with 50-k
Ω typical pulldown resistor)
(6)
Pins 9–12: FSYNC, LRCK, BCK (in master mode), DOUT
(7)
High-pass filter
(8)
Analog performance specifications are tested with System Two™ audio measurement system by Audio Precision™, using 400-Hz HPF,
20-kHz LPF for 44.1-kHz operation, 40-kHz LPF for 96-kHz operation in RMS mode.
(9)
fS = 96 kHz, system clock = 256 fS, oversampling ratio = ×64.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com