Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 12 of 28
0.75
0.25
0
–0.75
–1.00
2345
–0.50
0.50
MAX INL
MAX DNL
MIN DNL
MIN INL
TA = 25
VREF (V)
°C
VDD = 5V
–0.25
1.00
Figure 13. AD5303 INL and DNL Error vs. VREF
0.75
0.25
0
–0.75
–1.00
040
80
120
–0.50
0.50
–0.25
1.00
MAX DNL
VDD = 5V
VREF = 3V
–40
MIN DNL
MIN INL
MAX INL
0.5
0
–1.0
0
40
80
120
–0.5
1.0
–40
TEMPERATURE (°C)
Figure 14. AD5303 INL Error and DNL Error vs. Temperature
VDD = 5V
VREF =2V
GAIN ERROR
OFFSET ERROR
TEMPERATURE (°C)
Figure 15. Offset Error and Gain Error vs. Temperature
0
100
150
200
250
300
350
400
VDD = 5V
VDD = 3V
IDD (µA)
Figure 16. IDD Histogram with VDD = 3 V and VDD = 5 V
4
1
–0
01
23
45
6
SINK/SOURCE CURRENT (mA)
2
3
5
3V SOURCE
5V SOURCE
5V SINK
3V SINK
Figure 17. Source and Sink Current Capability
600
400
300
100
0
ZERO SCALE
FULL SCALE
200
500
TA = 25°C
VDD = 5V
Figure 18. Supply Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com