Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices AD5313 Datasheet HTML 19Page - Analog Devices AD5313 Datasheet HTML 20Page - Analog Devices AD5313 Datasheet HTML 21Page - Analog Devices AD5313 Datasheet HTML 22Page - Analog Devices AD5313 Datasheet HTML 23Page - Analog Devices AD5313 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 20 of 28
MICROPROCESSER INTERFACING
AD5303/AD5313/AD5323 TO ADSP-2101
INTERFACE
Figure 35 shows a serial interface between the AD5303/AD5313/
AD5323 and the ADSP-2101. The ADSP-2101 should be set up
to operate in the SPORT transmit alternate framing mode. The
ADSP-2101 sport is programmed through the SPORT control
register and should be configured as follows: internal clock
operation, active-low framing, 16-bit word length. Transmission
is initiated by writing a word to the Tx register after the SPORT
has been enabled.
SCLK
DIN
SYNC
TFS
DT
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5303/
AD5313/
AD5323*
ADSP-2101
Figure 35. AD5303/AD5313/AD5323 to ADSP-2101 Interface
AD5303/AD5313/AD5323 TO 68HC11/68L11
INTERFACE
Figure 36 shows a serial interface between the AD5303/
AD5313/AD5323 and the 68HC11/68L11 microcontroller.
SCK of the 68HC11/68L11 drives the SCLK of the AD5303/
AD5313/AD5323, while the MOSI output drives the serial data
line (DIN) of the DAC. The SYNC signal is derived from a port
line (PC7). The setup conditions for correct operation of this
interface are as follows: the 68HC11/68L11 should be con-
figured so that its CPOL bit is a 0 and its CPHA bit is a 1.
When data is being transmitted to the DAC, the SYNC line
is taken low (PC7). When the 68HC11/68L11 is configured
as previously mentioned, data appearing on the MOSI output
is valid on the falling edge of SCK. Serial data from the 68HC11/
68L11 is transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. Data is transmitted MSB
first. To load data to the AD5303/AD5313/ AD5323, PC7 is left
low after the first eight bits are transferred and a second serial
write operation is performed to the DAC; PC7 is taken high at
the end of this procedure.
DIN
SCLK
SYNC
PC7
SCK
MOSI
68HC11/68L11*
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5303/
AD5313/
AD5323*
Figure 36. AD5303/AD5313/AD5323 to 68HC11/68L11 Interface
AD5303/AD5313/AD5323 TO 80C51/80L51
INTERFACE
Figure 37 shows a serial interface between the AD5303/
AD5313/AD5323 and the 80C51/80L51 microcontroller. The
setup for the interface is as follows: TXD of the 80C51/80L51
drives SCLK of the AD5303/AD5313/AD5323, while RXD
drives the serial data line of the part. The SYNC signal is again
derived from a bit programmable pin on the port. In this case,
port line P3.3 is used. When data is to be transmitted to the
AD5303/AD5313/AD5323, P3.3 is taken low. The 80C51/80L51
transmits data only in 8-bit bytes; thus only eight falling clock
edges occur in the transmit cycle. To load data to the DAC, P3.3
is left low after the first eight bits are transmitted and a second
write cycle is initiated to transmit the second byte of data. P3.3
is taken high following the completion of this cycle. The 80C51/
80L51 output the serial data in a format that has the LSB first.
The AD5303/AD5313/AD5323 require data with MSB as the
first bit received. The 80C51/80L51 transmit routine should
take this into account.
DIN
SCLK
P3.3
TXD
RXD
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
SYNC
AD5303/
AD5313/
AD5323*
Figure 37. AD5303/AD5313/AD5323 to 80C51/80L51 Interface
AD5303/AD5313/AD5323 TO MICROWIRE
INTERFACE
Figure 38 shows an interface between the AD5303/AD5313/
AD5323 and any MICROWIRE-compatible device. Serial
data is shifted out on the falling edge of the serial clock and
is clocked into the AD5303/AD5313/AD5323 on the rising
edge of the SK.
DIN
SCLK
SK
SO
MICROWIRE*
*ADDITIONAL PINS OMITTED FOR CLARITY.
CS
SYNC
AD5303/
AD5313/
AD5323*
Figure 38. AD5303/AD5313/AD5323 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com