Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5313 Datasheet HTML 18Page - Analog Devices AD5313 Datasheet HTML 19Page - Analog Devices AD5313 Datasheet HTML 20Page - Analog Devices AD5313 Datasheet HTML 21Page - Analog Devices AD5313 Datasheet HTML 22Page - Analog Devices AD5313 Datasheet HTML 23Page - Analog Devices AD5313 Datasheet HTML 24Page - Analog Devices AD5313 Datasheet HTML 25Page - Analog Devices AD5313 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5303/AD5313/AD5323
Rev. B | Page 22 of 28
OPTO-ISOLATED INTERFACE FOR PROCESS
CONTROL APPLICATIONS
The AD5303/AD5313/AD5323 has a versatile 3-wire serial
interface making it ideal for generating accurate voltages in
process control and industrial applications. Due to noise, safety
requirements, or distance, it may be necessary to isolate the
AD5303/AD5313/AD5323 from the controller. This can easily
be achieved by using opto-isolators, which provides isolation
in excess of 3 kV. The serial loading structure of the AD5303/
AD5313/AD5323 makes it ideally suited for use in opto-isolated
applications. Figure 42 shows an opto-isolated interface to the
AD5303/AD5313/AD5323 where DIN, SCLK, and SYNC are
driven from opto-couplers. The power supply to the part also
needs to be isolated. This is done by using a transformer. On the
DAC side of the transformer, a 5 V regulator provides the 5 V
supply required for the AD5303/AD5313/AD5323.
SCLK
DIN
AD5303/AD5313/
AD5323
SYNC
5V
REGULATOR
POWER
VDD
10µF
0.1µF
VOUTA
VOUTB
VREFB
VREFA
VDD
10kΩ
10kΩ
10kΩ
DIN
SYNC
SCLK
VDD
VDD
GND BUF A BUF B
Figure 42. AD5303/AD5313/AD5323 in an Opto-Isolated Interface
DECODING MULTIPLE AD5303/AD5313/AD5323s
The SYNC pin on the AD5303/AD5313/AD5323 can be used
in applications to decode a number of DACs. In this application,
all the DACs in the system receive the same serial clock and
serial data, but only the SYNC to one of the devices is active at
any one time, allowing access to two channels in this 8-channel
system. The 74HC139 is used as a 2-to-4 line decoder to address
any of the DACs in the system. To prevent timing errors from
occurring, the enable input should be brought to its inactive
state while the coded address inputs are changing state.
Figure 43 shows a diagram of a typical setup for decoding
multiple AD5303/AD5313/AD5323 devices in a system.
SCLK
DIN
DIN
SCLK
AD5303/
AD5313/
AD5323
SYNC
74HC139
ENABLE
CODED
ADDRESS
1G
1A
1B
DGND
1Y0
1Y1
1Y2
1Y3
VCC
VDD
DIN
SCLK
AD5303/
AD5313/
AD5323
SYNC
DIN
SCLK
AD5303/
AD5313/
AD5323
SYNC
DIN
SCLK
AD5303/
AD5313/
AD5323
SYNC
Figure 43. Decoding Multiple AD5303/AD5313/AD5323 Devices in a System
AD5303/AD5313/AD5323 AS A DIGITALLY
PROGRAMMABLE WINDOW DETECTOR
A digitally programmable upper/lower limit detector using
the two DACs in the AD5303/AD5313/AD5323 is shown in
Figure 44. The upper and lower limits for the test are loaded
to DAC A and DAC B, which, in turn, set the limits on the
CMP04. If the signal at the VIN input is not within the pro-
grammed window, an LED indicates the fail condition.
5V
1/2
CMP04
FAIL
PASS
1/6 74HC05
VREF
SCLK
DIN
VOUTA
VDD
AD5303/AD5313/
AD5323
VREFA
GND
0.1µF
10µF
1kΩ
1kΩ
VIN
PASS/FAIL
DIN
SCLK
SYNC
SYNC
VREFB
VOUTB
Figure 44. Window Detector Using AD5303/AD5313/AD5323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com