Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 120Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 121Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 122Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 123Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 124Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 125Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 126Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 127Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
122
HB.16, HB-K.16, HD.40, HD-K.40 Gehäuse/Housings
Baugröße/Size 6
Pulverbeschichtet, silbergrau
K = korrosionsgeschützt, schwarz
Powder-coated, silver-grey
K = corrosion-resistant, black
Längsbügel am Unterteil/Side clip at housing bottom
IP 65
HB.16.SGD-LB.1.21.Z
HB.16.SGD-LB.2.21.Z
HB.16.SGD-LB.2.M25.Z
HB-K.16.SGD-LB.1.21.Z
HB-K.16.SGD-LB.2.21.Z
HB-K.16.SGD-LB.2.M25.Z
HD.40.SGD-LB.1.21.Z
HD.40.SGD-LB.2.21.Z
HD.40.SGD-LB.1.29.Z
HD.40.SGD-LB.2.29.Z
HD.40.SGD-LB.2.M32.Z
HD-K.40.SGD-LB.1.21.Z
HD-K.40.SGD-LB.2.21.Z
HD-K.40.SGD-LB.1.29.Z
HD-K.40.SGD-LB.2.29.Z
HD-K.40.SGD-LB.2.M32.Z
HD.40.KDO-LB.1.21.G
HD.40.KDO-LB.1.29.G
HD.40.KDO-LB.1.M32.G
HD-K.40.KDO-LB.1.M32.G
1-1102308-2
1-1102310-2
0-1106448-2
2-1102308-2
2-1102310-2
0-1106448-6
1-1102589-2
1-1102591-2
1-1102593-2
1-1102595-2
0-1106451-2
2-1102589-2
2-1102591-2
2-1102593-2
2-1102595-2
0-1106451-6
1-1102584-2
1-1102587-2
0-1106450-1
0-1106450-3
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
21
2x21
21
2x21
21
2x21
29
2x29
21
2x21
29
2x29
21
29
Mit Korrosionsschutz
With corrosion protection
Mit Korrosionsschutz
With corrosion protection
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
2xM25
2xM25
2xM32
2xM32
M32
M32
Mit Korrosionsschutz
With corrosion protection
Bezeichnung
Description
Sockelgehäuse: Kabeleingang seitlich, Hohe Bauform
Surface mounted housing: Side entry, High construction
1-1102310-2
45
57
22
ø5.5
105
117
30
M/PG
20
57
45
30
1-1102591-2
ø5.5
105
117
M/PG
Sockelgehäuse: Kabeleingang seitlich, Standard Bauform
Surface mounted housing: Side entry, Standard construction
Kupplungsgehäuse: Kabeleingang unten, Hohe Bauform
Cable-to-cable hood: Bottom entry, High construction
1-1102584-2
HD.40.KDO-LB.1.21.G
43
93.5
35
M/PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com