Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 123Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 124Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 125Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 126Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 127Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 128Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 129Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 130Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
125
HIP.16/40, HIP-K.16/40, EMV-K.16/40 Gehäuse/Housings
Baugröße/Size 6
HIP: Druckdicht, silbergrau, HIP-K: Korrosionsgeschützt, schwarz
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP: Pressure-tight, silver-grey, HIP-K: Housings corrosion-resistant, black
EMV-K: Protection against electro-magnetic interference, pressure-tight, housings corrosion-resistant, black
Druckdicht bis
≤ 5 bar/pressure-tight up to 5 bar
IP 68
HIP
HIP.16/40.STS.1.21.G
HIP.16/40.STS.1.29.G
HIP.16/40.STS.1.M32.G
HIP-K
HIP-K.16/40.STS.1.29.G
HIP-K.16/40.STS.1.M32.G
EMV-K
EMV-K.16/40.STS.1.29.G
EMV-K.16/40.STS.1.M32.G
EMV-K.16/40.STS.1.21.G
HIP
HIP.16/40.STO.1.21.G
HIP.16/40.STO.1.29.G
HIP.16/40.STO.1.M32.G
HIP-K
HIP-K.16/40.STO.2.21.G
HIP-K.16/40.STO.1.29.G
HIP-K.16/40.STO.1.M32.G
EMV-K
EMV-K.16/40.STO.1.29.G
EMV-K.16/40.STO.1.M32.G
HIP
HIP.16/40.AG
HIP-K
HIP-K.16/40.AG
EMV-K
EMV-K.16/40 AG
HIP
HIP.16/40.AG.M6
HIP-K
HIP-K.16/40.AG.M6
EMV-K
EMV-K.16/40.AG.M6
1-1102649-5
1-1102651-5
0-1106454-2
2-1102651-5
0-1106444-2
4-1102723-5
0-1106446-4
4-1102722-5
1-1102653-5
1-1102655-5
0-1106454-1
0-1108534-1
2-1102655-5
0-1106444-1
4-1102725-5
0-1106446-3
1-1102656-5
2-1102656-5
4-1102728-5
1-1102618-5
2-1102618-5
4-1102730-5
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
21
29
29
29
21
21
29
21
29
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M32
M32
M32
M32
M32
Bezeichnung
Description
Steckergehäuse: Kabeleingang oben
Hood: Top entry
129.5
115.5
53
57
1-1102649-5
M/PG
129.5
115.5
53
57
1-1102653-5
M/PG
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
86
103
103
ø4.5
129.5
M4
32
56
1-1102656-5
Steckergehäuse: Kabeleingang seitlich
Hood: Side entry
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
112.5
129.5
43
60
86
112.5
M6x20
M6
8
22
36
45
Montageausschnitt/Panel cut-out
Montageausschnitt/Panel cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com