Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 125Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 126Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 127Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 128Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 129Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 130Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 131Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 132Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
127
Bezeichnung
Description
1-1103416-1
1-1103416-7
7-1103416-1
7-1103416-7
2-1103416-3
2-1103416-7
1-1103417-1
1-1103417-7
7-1103417-1
7-1103417-7
2-1103417-3
2-1103417-7
HA.16.Sti.S.B 1-16
HA.16.Sti.S.B 17-32
HA.16.Bu.S.B 1-16
HA.16.Bu.S.B 17-32
HA.16.Sti.SC.B 1-16
HA.16.Sti.SC.B 17-32
HA.16.Bu.SC.B 1-16
HA.16.Bu.SC.B 17-32
HA.16.STI.C.B 1-16
HA.16.STI.C.B 17-32
HA.16.BU.C.B 1-16
HA.16.BU.C.B 17-32
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HA.32 Kontakteinsätze/Contact inserts
Baugröße/Size 7
Schraubanschluss, Federzug-Anschluss,
Crimpanschluss für gedrehte HE/HA Crimpkontakte
Screw terminal, Spring Clamp terminal,
Crimp terminal for screw machined HE/HA crimp contacts
Kontaktzahlen
No. of contacts
250 V/16 A
Crimpanschluss/Crimp terminal
32 +
Passende Crimpkontakte siehe Seite 37, Passende Crimpwerkzeuge siehe Seite 37
Suitable Crimp contacts see page 37, Suitable Crimping tools see page 37
M3x10.5
66
73
22.8
16
2-1103416-3
66
3
M3
60
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Federzug-Anschluss/Spring Clamp terminal
Schraubanschluss/Screw terminal
(2 x 16)
M3x10.5
66
73
22.8
16
2-1103416-3
66
3
M3
60
M3x10.5
66
73
22.8
16
M3x10.5
66
73
22.8
16
Anschlußseite Stift
Contact arrangement Male insert
Maßbild mm/Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
66
73
23
31
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com