Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 202 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 202 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 198Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 199Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 200Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 201Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 202Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 203Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 204Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 205Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 206Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
200
Bezeichnung
Description
0-1103025-1
0-1105354-1
0-1103025-2
0-1105355-1
0-1105355-2
MDL2-AIR.Sti*
MDL2-AIR.Bu*
AIR.Sti.4mm,VA
AIR.Bu.V4VA
mit Ventil/with valve
AIR.Bu.4VA
ohne Ventil/without
valve
Ausdrückwerkzeug
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
Pneumatik Modul/Pneumatic Module
10 bar
Kontaktzahlen
No. of contacts
2 + 2
Maßbild mm
Dimensions mm
Oberteil/Top part
Unterteil/Bottom part
L1
32
20
43,5
Rasthaken/Locking latch
L2
L1
S1
S2
32
20
43,5
Rasthaken/Locking latch
L2
L1
S1
S2
32
20
47
Rasthaken/Locking latch
L2
NW 4
43
ø 10,5
Stiftkontakt
Pin contact
Buchsenkontakt
Socket contact
NW 4
38
ø 8,2
Kontakte/contacts
0-1102985-1
Ausdrückwerkzeug/Extraction tool
Kontaktanordnung Anschlußseite: Oberteil
Contact arrangement termination side: top part
Kontaktanordnung Anschlußseite: Unterteil
Contact arrangement termination side: bottom part
Erdmodul/Earth-Module, Blindmodul/Blind-Module
Bezeichnung
Description
MDL.E.C-6mm
MDL2.Blindmodul
Bestell-Nr./Order No.
Oberteil
Unterteil
Top part
Bottom part
Bestelltext
Designation
32
20
39,5
Rasthaken/Locking latch
Blindmodul/Blind module
Modulkörper für Erdkontaktierung (für Stift und Buchse verwendbar)
Modular block for earth
0-1110957-1
20
16,5
18,5
Passende Kontakte siehe Seite 42
Suitable contacts see page 42
0-1110957-1
0-1103014-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com