Electronic Components Datasheet Search
  English  ▼

X  

640440 Datasheet(PDF) 77 Page - Tyco Electronics

Part # 640440
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640440 Datasheet(HTML) 77 Page - Tyco Electronics

Back Button 640440 Datasheet HTML 73Page - Tyco Electronics 640440 Datasheet HTML 74Page - Tyco Electronics 640440 Datasheet HTML 75Page - Tyco Electronics 640440 Datasheet HTML 76Page - Tyco Electronics 640440 Datasheet HTML 77Page - Tyco Electronics 640440 Datasheet HTML 78Page - Tyco Electronics 640440 Datasheet HTML 79Page - Tyco Electronics 640440 Datasheet HTML 80Page - Tyco Electronics 640440 Datasheet HTML 81Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
Interchangeable Head
I
Terminates one
unstripped wire per cycle
I
Aligns and holds the
connector in place for
each termination
I
Automatically advances
the connector after each
termination
Interchangeable Head and
Loose-Piece Feed Track
I
No special setup required
I
Connectors are easily
loaded into feed track
I
Connectors are fed using
a simple spring-loaded
pusher
Interchangeable Head and
Tape Feed Track
I
No special setup required
I
Tape-mounted connectors
are transferred from prod-
uct reel to feed track by
simply pulling on the free
end of the carrier tape
I
Connectors are fed using
a simple spring-loaded
pusher
Special Applicator
I
Connectors are easily
hand loaded into feed
track
I
Automatically advances
the connector after each
termination
I
Cannot be cycled until
the connector is properly
positioned
Manual Hand Tool with
Interchangeable Head
Air Bench Mount Tool with
Interchangeable Head and
Foot Switch
Air Hand Tool with
Interchangeable Head
Electric Bench Machine with
Interchangeable Head
One-At-A-Time Termination
Tooling (Typical Tooling
Combinations)
Air Bench Mount Tool with
Interchangeable Head and Loose-Piece Feed Track
Electric Bench Machine with
Interchangeable Head and
Tape Feed Track
AMP-O-LECTRIC Bench
Machine with Special Applicator
Power Units
Manual Hand Tool —
Pistol Grip Handle
Part No. 58074-1
I
Easy to use
I
Ratchet control will not
release the trigger until it
is fully bottomed
I
Head may be rotated for
user convenience
Air Hand Tool —
Pistol Grip Pneumatic Handle
Part No. 58075-1
I
Light weight
I
Operates at air pressure
between 40 and 70 psi
[2.76 and 4.83 bar]
I
Head may be rotated for
user convenience
Air Bench Mount Tool —
Bench Mount Power Assembly
Part No. 58338-1
I
May be mounted with
interchangeable head
pointed up or down
I
Operated by a foot
switch
I
Operates at air pressure
between 40 and 70 psi
[2.76 and 4.83 bar]
Electric Bench Machine —
IDC Power Unit
Part No. 931800-1
I
All electric: 120 VAC,
60 Hz, 2 A
I
Compact, portable and
quiet
I
Operated by a foot
switch
T-Handle Maintenance Tool
Interchangeable Heads and Applicators (Refer to page 76 for part numbers.)
77
MTA Application Tooling Options (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com