Electronic Components Datasheet Search
  English  ▼

X  

640440 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 640440
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640440 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 640440 Datasheet HTML 13Page - Tyco Electronics 640440 Datasheet HTML 14Page - Tyco Electronics 640440 Datasheet HTML 15Page - Tyco Electronics 640440 Datasheet HTML 16Page - Tyco Electronics 640440 Datasheet HTML 17Page - Tyco Electronics 640440 Datasheet HTML 18Page - Tyco Electronics 640440 Datasheet HTML 19Page - Tyco Electronics 640440 Datasheet HTML 20Page - Tyco Electronics 640440 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
17
Replacement IDC Contacts
Material and Finish
Phosphor bronze, post tin plated;
.000030 [0.00076] or .000015
[0.00038] post gold plated over nickel
Note: Tyco Electronics does not rec-
ommend terminating an MTA
contact more than one time.
Use replacement contacts
when required for field repairs
or wire changes.
Wire Size
Part Numbers
AWG
mm2
Standard
.000030 [0.00076]
.000015 [0.00038]
LED
Tin Plated
Gold Plated
Gold Plated
Tin Plated
22
0.3–0.4
640636-3
641186-4
641186-3
641643-2
24
0.2
640637-3
641187-4
641187-3
641644-2
26
0.12–0.15
640638-3
641188-4
641188-3
641645-2
28
0.08–0.09
640639-2
641189-4
641189-3
641646-2
Crimp Snap-In Contacts
Material and Finish
Phosphor bronze, tin plated
Wire Size
Part Nos.
AWG
mm2
Loose Piece*
Strip**
26-22
0.12–0.4
640709-2
640708-2
**Hand Tool No. 59836-1 (IS 408-6527)
**Applicator No. 466747-1 (IS 408-8040)
Special applications for crimp snap-in contacts are:
1. Double wire per contact
2. Coax or shielded wire
3. Mixed wire size in same connector
Note: Only one crimp snap-in contact per connector.
.125
[3.18]
.038
[0.97]
.077
[1.96]
.065
[1.65]
.300
[7.62]
.500
[12.7]
.027
[0.69]
Sq.
Ref.
1.800
[45.72]
Ref.
.452
[11.48]
.075
[1.91]
.070
[1.78]
.070
[1.78]
.142
[3.61]
Max.
.425
[10.8]
Keying Plug with Carrier
Strip (10 plugs per strip)
Part No. 641994-1
Material (RoHS Compliant)
UL94V-2 rated, nylon, natural color
Note: Removal of contact is not
necessary when using keying plug.
MTA-100 IDC Connector Accessories (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com