Electronic Components Datasheet Search
  English  ▼

X  

640440 Datasheet(PDF) 62 Page - Tyco Electronics

Part # 640440
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640440 Datasheet(HTML) 62 Page - Tyco Electronics

Back Button 640440 Datasheet HTML 58Page - Tyco Electronics 640440 Datasheet HTML 59Page - Tyco Electronics 640440 Datasheet HTML 60Page - Tyco Electronics 640440 Datasheet HTML 61Page - Tyco Electronics 640440 Datasheet HTML 62Page - Tyco Electronics 640440 Datasheet HTML 63Page - Tyco Electronics 640440 Datasheet HTML 64Page - Tyco Electronics 640440 Datasheet HTML 65Page - Tyco Electronics 640440 Datasheet HTML 66Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
62
.054
[1.37]
.095
[2.41]
Typ.
.156
[3.96]
Typ.
.054
[1.37]
Typ.
.0365
[.927]
Ref.
.100
[2.54]
.250
[6.35]
.660
[16.76]
A
Contacts
Material and Finish
.012 [0.3] bright tin plated phosphor
bronze; .012 [0.3] phosphor bronze
with .000030 [0.00076] gold over nickel
(see chart)
I
All tin-plated contacts are
post lubricated to resist
fretting corrosion
I
Maximum insulation
diameter is .112 [2.85]
I
Wire range is 18-24 AWG
[0.9-0.2 mm2] and a limited
16 AWG [1.29-1.42 mm2]
(2550-2800 CMA)
Product Specifications
108-1049-1 and 108-1049-2
Application Specification
114-1021
Application Tooling
Extraction Tool Part No. 90471-1
Loose Piece Contacts —
PRO-CRIMPER II Hand Tool
Part No. 91368-1 [18-24 AWG]
Part No. 91369-1 [16 AWG]
(For field service use only.)
For CERTI-CRIMP hand tool, contact
Technical Support.
Strip Contacts —
AMP-O-LECTRIC Model “G”
Termination Machine*
Applicator 1385048-3 [18-24 AWG]
Applicator 1385219-3 [16 AWG]
AMP-O-LECTRIC Model “K”
Termination Machine*
Applicator 1385048-2 [18-24 AWG]
Applicator 1385219-2 [16 AWG]
Housings
Material (RoHS Compliant)
UL 94V-0 rated, nylon, white
Notes:
1. Accepts Standard and LID
contacts.
2. Larger opening in housings
eases contact insertion when
using wires that have large
insulation diameters (.100-.112
[2.54-2.84]).
3. Housings are not End-to-End
stackable.
For mateability options, see
matrix on page 58.
For mating half visuals, for
connectors with locking
ramp, see pages 46, 47,
48, 50 and 52, (49 and 51
Front Bend Headers only.)
For mating half visuals, for
connectors without locking
ramp, see pages 46 thru 52.
Part Numbers*
No. of
Description
Housings
Positions*
with Larger Openings
for Oversize Wire
1-24
Without Locking Ramp
647400
or Polarizing Tabs
With Locking Ramp and
647401
without Polarizing Tabs
(shown above)
2–24
With Locking Ramp and
647402
Polarizing Tabs
*Base Part Number Prefixes and Suffixes indicate number of contact positions, e.g. 2 Position = 0-xxxxxx-2 and
12 Position = 1-xxxxxx-2.
Wire
Part Numbers
Size
Material
Plating
For LID* Wire
Strip
Loose Piece
Phosphor
Tin
647406-1
647409-1
18-24 AWG
Bronze
Gold
647406-2
647409-2
RoHS Compliant
3-647406-1
3-647409-1
16 AWG
Phosphor
Tin
647466-1
647485-1
(2550-2800 CMA only)
Bronze
Gold
647466-2
647485-2
RoHS Compliant
3-647466-1
3-647485-1
*Large Insulation Diameter (.100-.112 [2.54-2.84])
Notes: 1. For information on application tooling, call Technical Support.
2. Can not be used with Standard SL-156 Housings, must be used with LID Housings only.
.160
[4.06]
.112 [2.84]
.108 [2.74]
.524
[13.30]
.143
Hooded (Dual Wipe)
(10 Amp Max. Current Rating)
*For additional part numbers and
information contact Technical Support.
Note: Dim. A = 0.156
(No. of Positions – 1)
0.19
SL-156 Housings and Contacts for Large Insulation Diameter (LID) Wire
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com