Electronic Components Datasheet Search
  English  ▼

X  

640440 Datasheet(PDF) 37 Page - Tyco Electronics

Part # 640440
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640440 Datasheet(HTML) 37 Page - Tyco Electronics

Back Button 640440 Datasheet HTML 33Page - Tyco Electronics 640440 Datasheet HTML 34Page - Tyco Electronics 640440 Datasheet HTML 35Page - Tyco Electronics 640440 Datasheet HTML 36Page - Tyco Electronics 640440 Datasheet HTML 37Page - Tyco Electronics 640440 Datasheet HTML 38Page - Tyco Electronics 640440 Datasheet HTML 39Page - Tyco Electronics 640440 Datasheet HTML 40Page - Tyco Electronics 640440 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
37
Base Part Numbers
Closed End with Locking Ramp
Closed End without Locking Ramp
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
Connector
Connector
Connector
Connector
& Wire Size
Part
RoHS
Part
RoHS
Part
RoHS
Part
RoHS
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Standard UL94V-2, Tin Plated
18 AWG
640426
32–54
643817
32–54
640431
32–54
644461
1
32–44
0.8–0.9 mm2
20 AWG
640427
32–54
643818
32–54
640432
32–54
644462
1
32–44
0.5–0.6 mm2
22 AWG
640428
32–54
643819
32–54
640433
32–54
644463
1
32–44
0.3–0.4 mm2
24 AWG
640429
32–54
643820
32–54
640434
32–54
644464
1
32–44
0.2 mm2
26 AWG
640430
32–54
643821
32–54
640435
32–54
——
0.12–0.15 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
18 AWG
640472
32–54
644878
32–54
640477
32–54
——
0.8–0.9 mm2
20 AWG
640473
32–54
——
640478
32–54
——
0.5–0.6 mm2
22 AWG
640474
32–54
644783
32–54
640479
32–54
644791
1
32–44
0.3–0.4 mm2
24 AWG
640475
32–54
——
640480
32–54
——
0.2 mm2
26 AWG
640476
32–54
——
640481
32–54
——
0.12–0.15 mm2
Standard UL94V-2, .000030 [0.00076] Gold Plated
18 AWG
641217
32–54
644460
1
32–42
641222
32–54
——
0.8–0.9 mm2
20 AWG
641218
32–54
644663
1
32–42
641223
32–54
——
0.5–0.6 mm2
22 AWG
641219
32–54
644662
1
32–42
641224
32–54
644687
1
32–44
0.3–0.4 mm2
24 AWG
641220
32–54
——
641225
32–54
——
0.2 mm2
26 AWG
641221
32–54
——
641226
32–54
——
0.12–0.15 mm2
Standard UL94V-2, .000015 [0.00038] Gold Plated
18 AWG
641148
32–54
644284
1
32–42
641153
32–54
——
0.8–0.9 mm2
20 AWG
641149
32–54
——
641154
32–54
——
0.5–0.6 mm2
22 AWG
641150
32–54
647478
1
32–42
641155
32–54
——
0.3–0.4 mm2
24 AWG
641151
32–54
——
641156
32–54
——
0.2 mm2
26 AWG
641152
32–54
——
641157
32–54
——
0.12–0.15 mm2
Standard UL94V-0, Tin Plated (Black in color)
18 AWG
644860
1
32–42
——
644502
1
32–42
644082
1
32–42
0.8–0.9 mm2
22 AWG
————
644501
1
32–42
644566
1
32–42
0.3–0.4 mm2
1
Other circuit sizes are available upon request. Minimums may apply.
Note: Blocked circuit configurations are available upon request. Contact product engineer or product manager for
details. Minimums may apply.
Connector Ordering
Information
The “Base Part Numbers”
Chart at right shows the
base part number and
number of circuits available
for the described connec-
tors.
Prefixes and suffixes are
determined by the number
of circuit positions in the
connector. For example, the
complete part number for a
10-position closed end con-
nector with locking ramp
and without polarizing tabs
for 18 AWG wire would be:
Base number 640426 plus
prefix-and-suffix
4- — -0
The correct ordering number
is
4-640426-0
All part numbers in bold face
are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640426-2
3
3-640426-3
4
3-640426-4
5
3-640426-5
6
3-640426-6
7
3-640426-7
8
3-640426-8
9
3-640426-9
10
4-640426-0
11
4-640426-1
12
4-640426-2
13
4-640426-3
14
4-640426-4
15
4-640426-5
16
4-640426-6
17
4-640426-7
18
4-640426-8
19
4-640426-9
20
5-640426-0
21
5-640426-1
22
5-640426-2
23
5-640426-3
24
5-640426-4
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
MTA-156 IDC Connectors—Closed End (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com