Electronic Components Datasheet Search
  English  ▼

X  

640440 Datasheet(PDF) 53 Page - Tyco Electronics

Part # 640440
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640440 Datasheet(HTML) 53 Page - Tyco Electronics

Back Button 640440 Datasheet HTML 49Page - Tyco Electronics 640440 Datasheet HTML 50Page - Tyco Electronics 640440 Datasheet HTML 51Page - Tyco Electronics 640440 Datasheet HTML 52Page - Tyco Electronics 640440 Datasheet HTML 53Page - Tyco Electronics 640440 Datasheet HTML 54Page - Tyco Electronics 640440 Datasheet HTML 55Page - Tyco Electronics 640440 Datasheet HTML 56Page - Tyco Electronics 640440 Datasheet HTML 57Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
53
Material and Finish
Housing — UL94V-0 rated, polyester,
black
Posts — Copper alloy, tin plated; or
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying pur-
poses. Specify the desired post(s) to
be omitted using the figure to identify
Post No. 1.
2. Gold headers are duplex plated, gold
on mating end of post and tin on the
solder tail.
3. Peg holes are not required in PC boards
when headers without pegs are used.
4. One peg only on a 2 position header,
other position sizes have two pegs.
5. Right-angle front and rear bend headers
with retention pegs can be made avail-
able upon request. Minimums may apply.
For mateability options, see
matrix on pages 34, 35, 54
and 58.
For mating half visuals, see
pages 36 thru 39 and 55.
Header Ordering Information
The “Base Part Numbers”
Chart at right shows the base
part number and number of
posts available for the
described headers.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position
header with straight, square
posts and with pegs would be:
Base number 647127 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647127-0
No. of
Dim.
RoHS
Pos.
A
Prefix/
Suffix
2
.406
2--2
10.31
3
.562
2--3
14.27
4
.718
2--4
18.24
5
.874
2--5
22.20
6
1.030
2--6
26.16
7
1.186
2--7
30.12
8
1.342
2--8
34.09
9
1.498
2--9
38.05
10
1.654
3--0
42.01
11
1.810
3--1
45.97
12
1.966
3--2
49.94
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Straight Post (.045 [1.14] Square or Round)
Right-Angle (.045 [1.14] Square)
A
.455
[11.56]
Polarized
Retention Peg
.125
[3.18]
.045
[1.14]
Post
No. 1
.156
[3.96]
.550
[13.97]
.525
[13.34]
.300
[7.62]
.125
[3.18]
.100
[2.54]
.167
[4.24]
.210
[5.33]
.066/062
[1.68/1.58]
Dia.
.156
[3.96]
.078
[1.98]
.167
[4.24]
.245
[6.22]
Edge of Board
Min.
.066/062
[1.68/1.58]
Dia.
.156
[3.96]
.078
[1.98]
.239
[6.07]
.350/.700
[8.89/17.78]
.069/.065
[1.75/1.65]
Edge of Board
Dia.
Recommended Mounting Hole Pattern for .062 [1.57] Thick
PC Board Using a Straight Post Header
Recommended Mounting Hole Pattern for .062 [1.57] Thick
PC Board Using a Right-Angle Header
Front Bend
Rear Bend
Post
No. 1
.156
[3.96]
Typ.
.045
[1.14]
.525
[13.34]
Ref.
.300
[7.62]
Ref.
.455
[11.56]
.210
[5.33]
.205
[5.21]
.125
[3.18]
Post
No. 1
.156
[3.96]
Typ.
.045
[1.14]
.525
[13.34]
Ref.
.300
[7.62]
Ref.
.455
[11.56]
.210
[5.33]
.205
[5.21
]
± .002
± 0.05
.125
[3.18
]
± .010
± 0.25
PC Board Hole Diameters
Square Post
Round Post
.069/.065
.054/.050
[1.75/1.65]
[1.37/1.27]
Base Part Numbers
Straight Square Posts
Straight Round Posts
Without Pegs
With Pegs
Without Pegs
With Pegs
Header
RoHS
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647123
22–32
647127
22–32
647124
22–32
647128
22–32
Standard UL94V-0, .000030 [0.00076] Gold Plated
647131
22–32
647135
22–32
647132
22–32
647136
22–32
Standard UL94V-0, .000015 [0.00038] Gold Plated
647139
22–32
647143
22–32
647140
22–32
647144
22–32
Square Posts
Right-Angle Posts, Front Bend
Right-Angle Posts, Rear Bend
Without Pegs
Without Pegs
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647125
22–32
647126
22–32
Standard UL94V-0, .000030 [0.00076] Gold Plated
647133
22–32
647134
22–32
Standard UL94V-0, .000015 [0.00038] Gold Plated
647141
22–32
647142
22–32
Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or prod-
uct manager for details.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
MTA-156 Shrouded Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com