Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 3Page - Texas Instruments LP2980-N Datasheet HTML 4Page - Texas Instruments LP2980-N Datasheet HTML 5Page - Texas Instruments LP2980-N Datasheet HTML 6Page - Texas Instruments LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments LP2980-N Datasheet HTML 10Page - Texas Instruments LP2980-N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LP2980-N
www.ti.com
SNOS733M – APRIL 2000 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1V, COUT = 2.2 μF, all voltage options, ON/OFF pin tied to VIN.
Line Transient Response
Line Transient Response
Figure 16.
Figure 17.
Load Transient Response
Load Transient Response
Figure 18.
Figure 19.
Load Transient Response
Load Transient Response
Figure 20.
Figure 21.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com