Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 2 Page - Texas Instruments

  LP2980-N Datasheet HTML 1Page - Texas Instruments LP2980-N Datasheet HTML 2Page - Texas Instruments LP2980-N Datasheet HTML 3Page - Texas Instruments LP2980-N Datasheet HTML 4Page - Texas Instruments LP2980-N Datasheet HTML 5Page - Texas Instruments LP2980-N Datasheet HTML 6Page - Texas Instruments LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP2980-N
SNOS733M – APRIL 2000 – REVISED JUNE 2013
www.ti.com
Connection Diagram
Top View
Figure 2. 5-Lead SOT-23 Package
See Package Number DBV0005A
PIN DESCRIPTIONS
Name
Pin Number
Function
VIN
1
Input Voltage
GND
2
Common Ground (device substrate)
ON/OFF
3
Logic high enable input
N/C
4
Post package trim - do not connect to this pin
VOUT
5
Regulated output voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com