Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 10Page - Texas Instruments LP2980-N Datasheet HTML 11Page - Texas Instruments LP2980-N Datasheet HTML 12Page - Texas Instruments LP2980-N Datasheet HTML 13Page - Texas Instruments LP2980-N Datasheet HTML 14Page - Texas Instruments LP2980-N Datasheet HTML 15Page - Texas Instruments LP2980-N Datasheet HTML 16Page - Texas Instruments LP2980-N Datasheet HTML 17Page - Texas Instruments LP2980-N Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LP2980-N
SNOS733M – APRIL 2000 – REVISED JUNE 2013
www.ti.com
Figure 41. 5V to 3.3V @ 3A Converter
With limited input voltage range, the LP2980-N can control a 3.3V, 3A regulator with the use of a high current-
gain external PNP pass transistor as shown in Figure 41. If the regulator is to be loaded with the full 3A, heat
sinking will be required on the pass transistor to keep it within its rated temperature range. Refer to Figure 42 .
For best load regulation at the high load current, the LP2980-N output voltage connection should be made as
close to the load as possible.
Although this regulator can handle a much higher load current than can the LP2980-N alone, it can be shut down
in the same manner as the LP2980-N. When the ON/OFF control is brought low, the converter will be in
shutdown, and will draw less than 1
μA from the source.
Notes:
1. Drive this input with a logic signal (see APPLICATION HINTS). If the shutdown function is not to be used, tie
the ON/OFF pin directly to the VIN pin.
2. Capacitor is required for regulator stability. Minimum size is shown, and may be increased without limit.
3. Increasing the output capacitance improves transient response and increases phase margin.
4. A heatsink may be required for this transistor. The maximum allowable value for thermal resistance of the
heatsink is dependent on ambient temperature and load current (see curves in Figure 42). Once the value is
obtained from the graph, a heatsink must be selected which has a thermal resistance equal to or lower than
this value. If the value is above 60°C/W, no heatsink is required (the TO-220 package alone will safely
dissipate this).
For these curves, a maximum junction temperature of 150°C is assumed for the pass transistor. The case-to-
heatsink attachment thermal resistance is assumed to be 1.5°C/W. All calculations are for 5.5V input voltage
(which is worst-case for power dissipation).
Figure 42. Heatsink Thermal Resistance Requirements for Figure 41
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com