Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 3 Page - Texas Instruments

  LP2980-N Datasheet HTML 1Page - Texas Instruments LP2980-N Datasheet HTML 2Page - Texas Instruments LP2980-N Datasheet HTML 3Page - Texas Instruments LP2980-N Datasheet HTML 4Page - Texas Instruments LP2980-N Datasheet HTML 5Page - Texas Instruments LP2980-N Datasheet HTML 6Page - Texas Instruments LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP2980-N
www.ti.com
SNOS733M – APRIL 2000 – REVISED JUNE 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature
Range
−40°C to +125°C
Lead Temperature
(Soldering, 5 sec.)
260°C
ESD Rating(3)
2 kV
Power Dissipation(4)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival)(5)
−0.3V to +9V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival)(6)
−0.3V to +16V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The ESD rating of pins 3 and 4 for the SOT-23 package is 1 kV.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using:
The value of
θJA for the SOT-23 package is 220°C/W. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2980-N output must be diode-clamped
to ground.
(6)
The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity
from VIN to VOUT will turn on this diode (See REVERSE CURRENT PATH).
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2980AI-XX(1)
LP2980I-XX(1)
Units
Min
Max
Min
Max
IL = 1 mA
−0.50
0.50
−1.0
1.0
ΔVO
Output Voltage Tolerance
−0.75
0.75
−1.5
1.5
%VNOM
1 mA < IL < 50 mA
−2.5
2.5
−3.5
3.5
Output Voltage Line
VO(NOM) + 1V
≤ VIN ≤ 16V
0.014
0.014
0.007
%/V
Regulation
0.032
0.032
IL = 0
3
3
1
5
5
IL = 1 mA
10
10
7
15
15
VIN–VO
Dropout Voltage(2)
mV
IL = 10 mA
60
60
40
90
90
IL = 50 mA
150
150
120
225
225
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com