Electronic Components Datasheet Search
  English  ▼

X  

LP2980-N Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments LP2980-N Datasheet HTML 10Page - Texas Instruments LP2980-N Datasheet HTML 11Page - Texas Instruments LP2980-N Datasheet HTML 12Page - Texas Instruments LP2980-N Datasheet HTML 13Page - Texas Instruments LP2980-N Datasheet HTML 14Page - Texas Instruments LP2980-N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP2980-N
www.ti.com
SNOS733M – APRIL 2000 – REVISED JUNE 2013
Multilayer ceramic capacitors that have been verified as suitable for use with the LP2980-N are shown in
Table 2.
Table 2. Surface-Mount Multilayer Ceramic Capacitor Selection Guide
2.2
μF Surface-Mount Ceramic
Manufacturer
Part Number
Tokin
1E225ZY5U-C203
Murata
GRM42-6Y5V225Z16
4.7
μF Surface-Mount Ceramic
Manufacturer
Part Number
Tokin
1E475ZY5U-C304
Figure 34. 1
μF ESR Range
Figure 35. 2.2
μF ESR Range
Figure 36. 10
μF ESR Range
REVERSE CURRENT PATH
The internal PNP power transistor used as the pass element in the LP2980-N has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse biased (See Figure 37).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2980-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com