Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701 Datasheet(HTML) 5 Page - Texas Instruments

  LMP7701 Datasheet HTML 1Page - Texas Instruments LMP7701 Datasheet HTML 2Page - Texas Instruments LMP7701 Datasheet HTML 3Page - Texas Instruments LMP7701 Datasheet HTML 4Page - Texas Instruments LMP7701 Datasheet HTML 5Page - Texas Instruments LMP7701 Datasheet HTML 6Page - Texas Instruments LMP7701 Datasheet HTML 7Page - Texas Instruments LMP7701 Datasheet HTML 8Page - Texas Instruments LMP7701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
LMP7701
±37
±200
±500
μV
LMP7702/LMP7704
±32
±220
±520
TCVOS
Input Offset Voltage Temperature Drift
(4)
±1
±5
μV/°C
IB
Input Bias Current
(4) (5)
±0.2
±1
−40°C ≤ TA ≤ 85°C
±50
pA
(4) (5)
±0.2
±1
−40°C ≤ TA ≤ 125°C
±400
IOS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 5V
88
130
LMP7701
83
dB
0V
≤ VCM ≤ 5V
86
130
LMP7702/LMP7704
81
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, VO = V
+/2
86
100
dB
82
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
–0.2
5.2
V
CMRR
≥ 78 dB
–0.2
5.2
AVOL
Open Loop Voltage Gain
RL = 2 kΩ (LMP7701)
100
119
VO = 0.3V to 4.7V
96
RL = 2 kΩ (LMP7702/LMP7704)
100
119
dB
VO = 0.3V to 4.7V
94
RL = 10 kΩ
100
130
VO = 0.2V to 4.8V
96
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
60
110
LMP7701
130
RL = 2 kΩ to V
+/2
60
120
LMP7702/LMP7704
200
mV
from V+
RL = 10 kΩ to V
+/2
40
50
LMP7701
70
RL = 10 kΩ to V
+/2
40
60
LMP7702/LMP7704
120
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
50
80
LMP7701
90
RL = 2 kΩ to V
+/2
50
120
LMP7702/LMP7704
190
mV
RL = 10 kΩ to V
+/2
30
40
LMP7701
50
RL = 10 kΩ to V
+/2
30
50
LMP7702/LMP7704
100
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com