Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP7701 Datasheet HTML 13Page - Texas Instruments LMP7701 Datasheet HTML 14Page - Texas Instruments LMP7701 Datasheet HTML 15Page - Texas Instruments LMP7701 Datasheet HTML 16Page - Texas Instruments LMP7701 Datasheet HTML 17Page - Texas Instruments LMP7701 Datasheet HTML 18Page - Texas Instruments LMP7701 Datasheet HTML 19Page - Texas Instruments LMP7701 Datasheet HTML 20Page - Texas Instruments LMP7701 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
CF = 0 pF
AV = -1
R1 = R2 = 100 k:
R1 = R2 = 30 k:
R1 = R2 = 10 k:
R1 = R2 = 1 k:
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
amplifier, to form a pole. This pole will have little or no effect on the output of the amplifier at low frequencies and
DC conditions, but will play a bigger role as the frequency increases. At higher frequencies, the presence of this
pole will decrease phase margin and will also cause gain peaking. In order to compensate for the input
capacitance, care must be taken in choosing the feedback resistors. In addition to being selective in picking
values for the feedback resistor, a capacitor can be added to the feedback path to increase stability.
The DC gain of the circuit shown in Figure 46 is simply –R2/R1.
Figure 46. Compensating for Input Capacitance
For the time being, ignore CF. The AC gain of the circuit in Figure 46 can be calculated as follows:
This equation is rearranged to find the location of the two poles:
(1)
As shown in Equation 1, as values of R1 and R2 are increased, the magnitude of the poles is reduced, which in
turn decreases the bandwidth of the amplifier. Whenever possible, it is best to choose smaller feedback resistors.
Figure 47 shows the effect of the feedback resistor on the bandwidth of the LMP7701/LMP7702/LMP7704.
Figure 47. Closed Loop Gain vs. Frequency
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com