Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7701 Datasheet HTML 3Page - Texas Instruments LMP7701 Datasheet HTML 4Page - Texas Instruments LMP7701 Datasheet HTML 5Page - Texas Instruments LMP7701 Datasheet HTML 6Page - Texas Instruments LMP7701 Datasheet HTML 7Page - Texas Instruments LMP7701 Datasheet HTML 8Page - Texas Instruments LMP7701 Datasheet HTML 9Page - Texas Instruments LMP7701 Datasheet HTML 10Page - Texas Instruments LMP7701 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
±5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = −5V, V
CM = 0V, and RL > 10 kΩ to 0V.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, VO = 0V
86
98
dB
82
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
−5.2
5.2
V
CMRR
≥ 78 dB
−5.2
5.2
AVOL
Open Loop Voltage Gain
RL = 2 kΩ (LMP7701)
100
121
VO = −4.7V to 4.7V
98
RL = 2 kΩ (LMP7702/LMP7704)
100
121
VO = −4.7V to 4.7V
94
dB
RL = 10 kΩ (LMP7701)
100
134
VO = −4.8V to 4.8V
98
RL = 10 kΩ (LMP7702/LMP7704)
100
134
VO = −4.8V to 4.8V
97
VOUT
Output Voltage Swing High
RL = 2 kΩ to 0V
90
150
LMP7701
170
RL = 2 kΩ to 0V
90
180
LMP7702/LMP7704
290
mV
from V+
RL = 10 kΩ to 0V
40
80
LMP7701
100
RL = 10 kΩ to 0V
40
80
LMP7702/LMP7704
150
Output Voltage Swing Low
RL = 2 kΩ to 0V
90
130
LMP7701
150
RL = 2 kΩ to 0V
90
180
LMP7702/LMP7704
290
mV
from V–
RL = 10 kΩ to 0V
40
50
LMP7701
60
RL = 10 kΩ to 0V
40
60
LMP7702/LMP7704
110
IOUT
Output Current (6) (7)
Sourcing VO = 0V
50
86
VIN = 100 mV (LMP7701)
35
Sourcing VO = 0V
48
86
mA
VIN = 100 mV (LMP7702/LMP7704)
33
Sinking VO = 0V
50
84
VIN = −100 mV
35
IS
Supply Current
LMP7701
0.790
1.1
1.3
LMP7702
1.7
2.1
mA
2.5
LMP7704
3.2
4.2
5.0
SR
Slew Rate (8)
AV = +1, VO = 9 VPP
1.1
V/
μs
10% to 90%
GBW
Gain Bandwidth
2.5
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 10 kΩ
0.02
%
en
Input Referred Voltage Noise Density
f = 1 kHz
9
nV/
√Hz
in
Input Referred Current Noise Density
f = 100 kHz
1
fA/
√Hz
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(7)
The short circuit test is a momentary test.
(8)
The number specified is the slower of positive and negative slew rates.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com