Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7701 Datasheet HTML 19Page - Texas Instruments LMP7701 Datasheet HTML 20Page - Texas Instruments LMP7701 Datasheet HTML 21Page - Texas Instruments LMP7701 Datasheet HTML 22Page - Texas Instruments LMP7701 Datasheet HTML 23Page - Texas Instruments LMP7701 Datasheet HTML 24Page - Texas Instruments LMP7701 Datasheet HTML 25Page - Texas Instruments LMP7701 Datasheet HTML 26Page - Texas Instruments LMP7701 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
A1
V
+
1
LM35
V
+
pH ELECTRODE
pH ELECTRODE TEMPERATURE
R3
10 k:
R4
10 k:
+
-
A2
V
+
R1
10 k:
R2
10 k:
V
-
V
-
+
-
ADC12034
0.01 PF
0.1 PF
10 PF
VD
+
CH0
CH1
VREF-
VREF+
DGND
0.01 PF
10 PF
AGND
VOUT
VA
+
V
+
V
+
LM4140A
6
2
1,4,7,8
3
R5
10 k:
R6
3.3 k:
VOFFSET = 0.5012V
0.1 PF
RT
-V
+
1 PF
75:
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Figure 56. pH Measurement Circuit
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com