Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701 Datasheet(HTML) 1 Page - Texas Instruments

  LMP7701 Datasheet HTML 1Page - Texas Instruments LMP7701 Datasheet HTML 2Page - Texas Instruments LMP7701 Datasheet HTML 3Page - Texas Instruments LMP7701 Datasheet HTML 4Page - Texas Instruments LMP7701 Datasheet HTML 5Page - Texas Instruments LMP7701 Datasheet HTML 6Page - Texas Instruments LMP7701 Datasheet HTML 7Page - Texas Instruments LMP7701 Datasheet HTML 8Page - Texas Instruments LMP7701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
Check for Samples: LMP7701, LMP7702, LMP7704
1
FEATURES
DESCRIPTION
The LMP7701/LMP7702/LMP7704 are single, dual,
23
•
Unless Otherwise Noted,
and quad low offset voltage, rail-to-rail input and
Typical Values at VS = 5V
output precision amplifiers each with a CMOS input
–
Input Offset Voltage (LMP7701): ±200 µV
stage
and
a
wide
supply
voltage
range.
The
(max)
LMP7701/LMP7702/LMP7704 are part of the LMP™
precision amplifier family and are ideal for sensor
–
Input Offset Voltage (LMP7702/LMP7704):
interface and other instrumentation applications.
±220 µV (max)
–
Input Bias Current: ±200 fA
The specified low offset voltage of less than ±200 µV
along with the specified low input bias current of less
–
Input Bias Current: ±200 fA
than ±1 pA make the LMP7701 ideal for precision
–
Input Voltage Noise: 9 nV/
√Hz
applications. The LMP7701/LMP7702/LMP7704 are
–
CMRR: 130 dB
built utilizing VIP50 technology, which allows the
combination of a CMOS input stage and a 12V
–
Open Loop Gain: 130 dB
common mode and supply voltage range. This makes
–
Temperature Range:
−40°C to 125°C
the LMP7701/LMP7702/LMP7704 great choices in
–
Unity Gain Bandwidth: 2.5 MHz
many applications where conventional CMOS parts
cannot operate under the desired voltage conditions.
–
Supply Current (LMP7701): 715 µA
–
Supply Current (LMP7702): 1.5 mA
The LMP7701/LMP7702/LMP7704 each have a rail-
to-rail input stage that significantly reduces the CMRR
–
Supply Current (LMP7704): 2.9 mA
glitch commonly associated with rail-to-rail input
–
Supply Voltage Range: 2.7V to 12V
amplifiers. This is achieved by trimming both sides of
–
Rail-to-Rail Input and Output
the complimentary input stage, thereby reducing the
difference between the NMOS and PMOS offsets.
APPLICATIONS
The
output
of
the
LMP7701/LMP7702/LMP7704
swings within 40 mV of either rail to maximize the
•
High Impedance Sensor Interface
signal dynamic range in applications requiring low
•
Battery Powered Instrumentation
supply voltage.
•
High Gain Amplifiers
The LMP7701 is offered in the space saving 5-Pin
•
DAC Buffer
SOT-23 and 8-Pin SOIC package. The LMP7702 is
offered in the 8-Pin SOIC and 8-Pin VSSOP package.
•
Instrumentation Amplifier
The quad LMP7704 is offered in the 14-Pin SOIC and
•
Active Filters
14-Pin TSSOP package. These small packages are
ideal solutions for area constrained PC boards and
portable electronics.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA TI-LMP7701MA Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA TI1-LMP7701MA Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA/NOPB TI1-LMP7701MA/NOPB Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com