Electronic Components Datasheet Search
  English  ▼

X  

492575-1 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 33Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 34Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
33
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
2
LC Connector Components (Continued)
Note: All part numbers are RoHS
compliant.
LC Components —
1.6 to 2.4 mm Boots
Short Bend Limiting Boot for
1.6 to 2.0 mm Cable
Base
Beige
Blue
Black
Part Number
1918403
-2
-1
—
Right-Angled Boot for
1.6 to 2.4 mm Cable
Base
Beige
Blue
Black
Part Number
1374737
-2
-1
-3
30.50
[1.200]
Bend Limiting Boot for
1.6 to 2.4 mm Cable
Base
Beige
Blue
Black
Part Number
1588153
-5
-2
-3
50 Degree Angle Boot for
1.6 to 2.4 mm Cable
Base
Beige
Blue
Black
Part Number
6457543
-1
-2
-4
LC Components —
900 µm Boots
Buffer 900 µm Boot
Base
Beige
Blue
Black
Part Number
1828184
-4
-1
-2
Short Buffer 900 µm Boot
Base
Beige
Blue
Black
Part Number
6588612
-1
-2
-5
LC Components —
3.0 mm Boots
Straight Boot for 3.0 mm Cable
Base
Beige
Blue
Black
Part Number
502716
-3
-4
-1
21.00
[.827]
37.00
[1.457]
25.14
[.990]
31.5
[1.240]
10.25
[.404]
30.00
[1.181]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com