Electronic Components Datasheet Search
  English  ▼

X  

492575-1 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 43Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 44Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 45Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 46Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 47Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 48Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 49Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
46
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
ESCON Connector Components
ESCON is a trademark of IBM
Corporation.
IBM is a trademark of International
Business Machine Corporation.
ESCON Connector Plug
Product Facts
I
Multimode
I
IBM Approved
I
Simple field assembly
Performance Characteristics
Assembly Loss — 0.2 dB Typical
Durability — 200 cycles
Instruction Sheet
408-9808
http://www.te.com/documents
Description
Part Number
125 µm
Black
DUALAN Cable
5492181-1
DUALAN Cable
5492181-2*
* Bulk packed, 50 per package
Termination Kit: 503746-6.
Note: All part numbers are RoHS compliant.
FSMA Products — Multimode
Product Facts
I
Industry compatible with
905 (FSMA-I) and 906
(FSMA-II) style connectors
I
Terminates fiber sizes from
125 through 1000 microns in
diameter
I
Design parameters conform
to NATO and IEC interface
standards
Adapter
Product Facts
I
Precision mating adapter
for all FSMA connectors
I
In-line splice or panel
mount design
Active Device Mount
Product Facts
I
Designed to house TO-18,
TO-46, and TO-52 devices
I
Constructed of nickel
plated die cast zinc alloy or
stainless steel
I
Mounts to PC board or
through panel
FSMA Adapters
Description
Part Number
Hex Flange, Stainless Steel
501049-1
Hex Flange, Stainless Steel, Counterbore, Sealed
501050-1
Fixed Flange, Nickel-Plated Brass
5504026-1
In-Line, Stainless Steel
504028-1
In-Line, Stainless Steel, Counterbore, Short
504031-1
FSMA Connectors
Ferrule
Connector
Fiber
Nominal Jacket O.D.
Material
Body Material
Diameter
3.1 mm
4.3 mm
(µm)
905
906
905
125
5504566-1
5504014-1
5504567-1
140
5504566-2
1-5504014-0
5504567-2
Stainless
Nickel-Plated
231
5504566-7
——
Steel
Brass
336
1-5504566-4
——
1000
3-5504566-0
——
1050
3-5504566-1
—
2-5504567-9
FSMA Active Device Mounts
Description
Part Number
PC Mount Receptacle, Die Cast
5502136-1
PC Mount Receptacle, Die Cast, Bulk Packaged
5502136-2
PC Mount Receptacle, Stainless Steel
501055-1
Performance Characteristics
Insertion Loss — 1.3 dB Typical
Temperature Range —
-55° C to +105° C
Durability — 200 cycles
Length —
Ferrule Tip to End of Boot
Part Number 5504566 — 70 mm
Part Number 5504014 — 70 mm
Part Number 5504567 — 66 mm
Documentation
Product Specification
108-45106
Instruction Sheet
408-9863
FSMA 905 & 906
Test Report
501-359
http://www.te.com/documents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com