Electronic Components Datasheet Search
  English  ▼

X  

492575-1 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 83Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 84Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 85Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 86Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 87Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 88Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 89Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 90Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
87
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
Ferrule Kits
Fiber Hole Size
Mode
PRO BEAM Connector
Part Number
125 µm
SM
PRO BEAM Mini
1754700-1
126 µm
SM
PRO BEAM Mini
1754700-2
126 µm
MM
PRO BEAM Mini
1754699-1
PRO BEAM Mini Connectors
TE is pleased to announce
the natural extension from
our PRO BEAM Sr. and
PRO BEAM Jr. Connector
product lines.
The PRO BEAM Mini
Connector saves space
and weight and is perfect
for high density applica-
tions. The product offers
the same durability as its
larger counterparts.
PRO BEAM Sr., PRO BEAM Jr. &
PRO BEAM Mini Connectors
PRO BEAM Mini Plug Connector
PRO BEAM Mini Connector Shell Kits
Type
Mount
Attribute
Part Number
Style
Difference
(HA Aluminum)
(OD Aluminum)
(NiAlBronze)
Plug
EPDM Grip
1828698-1
N/A
1828698-2
D-Hole
Low Profile - Buffered Fiber
1828699-1
1828699-2
1828699-3
Low Profile - 1.8 Jacketed
1985140-1
1985140-2
1985140-3
Bulkhead
Sealed
1918185-1
*
1918185-2
Square Flange
Low Profile - Buffered Fiber
1828826-1
**
Neutrik Cutout-Drop-In
1918603-1
**
* Contact TE for availability.
PRO BEAM Mini Cable Adapter Kits For Plug
Cable Diameter
Part Number
5 mm
1828700-1
5.5 mm
1828700-2
6 mm
1828700-3
PRO BEAM Mini Insert Kits
Description
Part Number
2 x 850 / 1300 nm Dual Multimode
1374759-4
2 x 1310 nm Singlemode
1588129-2
2 x 1550 nm Singlemode
1588128-2
4 x 850 / 1300 nm Dual Multimode
1374759-2
4 x 1310 nm Singlemode
1588129-3
4 x 1550 nm Singlemode
1588128-3
Connector Assembly
1 Shell Kit
1 Insert Kit
1 Cable Adapter Kit*
X Ferrule Kits (X = No.
of optical channels)
*Not applicable for Low Profile
ASSEMBLY CAPABILITIES
TE has extensive rugged optic harness capabilities.
Please consult your local TE Sales Representative for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com