Electronic Components Datasheet Search
  English  ▼

X  

492575-1 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 32Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 33Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 34Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 37Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
36
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
SC Connector Kits
Note: All part numbers are RoHS compliant.
SC Connector Kits —
Standard Kits
Product Facts
I
Compliant with
I
JIS C-5973
I
Fibre Channel
I
TIA FOCIS-3
I
One-piece connector body
I
Compatible with anaerobic
adhesives
I
Instruction Sheet 408-8674
I
Components packaged in 25
piece bags for easy access
I
Field installable duplex clip
(6348522-1) available
I
Mates with SC adapters
(pages 39-41), SC
Transceivers
Performance (typical)
Insertion Loss — 0.2dB
Reflectance — -55dB
Operating Temperature —
-40° C to +75° C
Material
Ferrule — Zirconia
Housing and Connector Body —
UL 94 V-O rated thermoplastic
Length —
Ferrule Tip to End of Boot
900 µm Buffered — 54 mm
2.0 mm Jacketed — 50 mm
3.0 mm Jacketed — 50 mm
SC Connector Kits —
Tight Jacketed Kits
Product Facts
I
Non pull-proof connector for
use with tight jacketed fiber
cable
I
Allows jacket and buffer to
move together to prevent
micro-bends and fiber
breakage
I
SC Commercial Item
Description (CID) interim
approval by Naval Surface
Warfare Center, Dahlgren
Division
I
Tested using MIL-PRF-
85045/16 2.0 mm cable
Applications
I
In flight networks
I
Shipboard applications
I
Aero market
Material
Ferrule — Zirconia
Housing — UL 94 V-O rated
thermoplastic
Length — Ferrule Tip to End of
Boot: 57.0 mm
Engineering Report
502-1191
Description
Fiber Type
Housing
Boot
Used with
Assembly Pack
Color
Color
Part Number
900 µm Buffered
2064939-1
Singlemode
Blue
Blue
2.0 mm Jacketed
2064939-2
Simplex
3.0 mm Jacketed
2064939-3
900 µm Buffered
2064940-1
Multimode
Beige
Beige
2.0 mm Jacketed
2064940-2
3.0 mm Jacketed
2064940-3
Singlemode
Blue
Blue
2.0 mm Jacketed
5504936-2
Duplex
3.0 mm Jacketed
5504655-2
Multimode
Beige
Beige
2.0 mm Jacketed
5504927-1
3.0 mm Jacketed
5504657-1
Description
Fiber Type
Housing
Boot
Used with
Individual Pack
Bulk Pack
Color
Color
Part Number
Part Number
Singlemode
Blue
Blue
1.6-2.0 mm Jacketed
6828100-1
6828100-2
Simplex
2.4 mm Jacketed
1918227-1
1918227-2
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
6828099-1
6828099-2
2.4 mm Jacketed
1918154-1
1918154-2
Duplex
Singlemode
Blue
Blue
1.6-2.0 mm Jacketed
1828573-1
1828573-2
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
1828574-1
1828574-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com