Electronic Components Datasheet Search
  English  ▼

X  

492575-1 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # 492575-1
Description  Fiber Optic Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

492575-1 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button 492575-1 Datasheet HTML 70Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 71Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 72Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 73Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 74Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 75Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 76Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 77Page - List of Unclassifed Manufacturers 492575-1 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
ODC™ Plug and Socket Cable Assemblies
Product Facts
I
2 and 4 Channel
I
Multimode — 2 & 4 Ch;
Singlemode — 2 Ch
I
Compact design with 2 x or
4 x 1.25 mm ferrules
I
Built-in socket available
with square or hexagonal
flange
I
Water proof, dust proof and
corrosion resistant
I
Screw lock mechanism
I
Scoop proof
I
One hand, blind-mating
possible
I
Attached protection cap
I
EMI shielded
I
Low-Smoke, Zero-Halogen
(LSZH)
The ODC connectors,
together with the support
optical cable, are becoming
the standard interface spec-
ified in 3G, 4G and WiMax
Base Station remote radios
and Fiber-to-the-Antenna
applications.
The ODC cable assembly is
based on the N Type RF
Coax connector. The prod-
uct, however, is not limited
to the above applications.
As the ODC cable assem-
blies have passed tests like
salt mist, vibration and
shock and meets protection
class IP68, they are well
suited for Industrial and
Aerospace and Defense
applications.
Applications
I
Base Stations
I
Industrial
I
Aerospace & Defense
Technical Documents
Protection Class
IP68
Salt Mist
IEC 61300-2-26: passed
Vibration
IEC 61300-2-1: passed
Shock
IEC 61300-2-9: passed
Optical
Insertion loss according to
IEC 61300-3-34
Multimode —
Typ.
≤ 0.25 dB
Max.
≤ 0.70 dB
Singlemode —
Typ.
≤ 0.30 dB
Max.
≤ 1.00 dB
Return Loss — Single mode
≥ 45 dB
Mechanical
Technology — Full ceramic ferrule
and sleeve
Mechanically Robust —
ODC plug
≤ 800 N tensile load
ODC socket
≤ 30 N tensile load
Installation Torque Force —
min. 1 Nm
max. 2 Nm.
Operating Temperature —
-40°C up to +85°C
Mating Durability —
min. 100 cycles
ODC is a product and trademark of
HUBER+SUHNER AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com