Electronic Components Datasheet Search
  English  ▼

X  

OPA727 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 4 Page - Texas Instruments

  OPA727 Datasheet HTML 1Page - Texas Instruments OPA727 Datasheet HTML 2Page - Texas Instruments OPA727 Datasheet HTML 3Page - Texas Instruments OPA727 Datasheet HTML 4Page - Texas Instruments OPA727 Datasheet HTML 5Page - Texas Instruments OPA727 Datasheet HTML 6Page - Texas Instruments OPA727 Datasheet HTML 7Page - Texas Instruments OPA727 Datasheet HTML 8Page - Texas Instruments OPA727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +4V to +12V or VS = ±2V to ±6V
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
Boldface limits apply over the specified temperature range, T
A = –40°C to +125°C.
At T
A = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA727, OPA728,
OPA2727, OPA4727
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±5V, VCM = 0V
OPA727 DFN, OPA728 DFN Packages
15
150
µV
OPA727 MSOP, OPA728 MSOP Packages
15
300
µV
OPA2727
15
150
µV
OPA4727
15
175
µV
Drift
dVOS/dT
0
°C to +85°C
0.3
1.5
µV/°C
–40
°C to +125°C
0.6
3
µV/°C
vs Power Supply
PSRR
VS = ±2V to ±6V, VCM = V–
30
150
µV/V
Over Temperature
VS = ±2V to ±6V, VCM = V–
150
µV/V
Channel Separation, dc
1
µV/V
INPUT BIAS CURRENT
Input Bias Current
±85
±500
pA
Over Temperature
See Typical Characteristics
Input Ofset Current
IOS
±10
±100
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
en
VS = ±6V, VCM = 0V
10
µV
PP
Input Voltage Noise Density, f = 10kHz
en
VS = ±6V, VCM = 0V
10
nV/
√Hz
Input Voltage Noise Density, f = 100kHz
en
VS = ±6V, VCM = 0V
6
nV/
√Hz
Input Current Noise Density, f = 1kHz
in
VS = ±6V, VCM = 0V
2.5
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–)
(V+)–2.5
V
Common-Mode Rejection Ratio
CMRR
(V–)
≤ V
CM ≤ (V+) – 2.5V
86
94
dB
Over Temperature
(V–)
≤ V
CM ≤ (V+) – 2.5V
84
dB
(V–)
≤ V
CM ≤ (V+) – 3V
94
100
dB
Over Temperature
(V–)
≤ V
CM ≤ (V+) – 3V
84
dB
INPUT IMPEDANCE
Differential
Ω || pF
1011 || 5
Common-Mode
Ω || pF
1011 || 4
OPEN-LOOP GAIN
RL = 100kΩ, 0.15V < VO < (V+)
Open-Loop Voltage Gain
AOL
110
120
dB
–0.15V
RL = 100kΩ, 0.15V < VO < (V+)
Over Temperature
100
dB
–0.15V
RL = 1kΩ, 0.25V < VO < (V+) –0.25V
106
116
dB
Over Temperature, OPA727, OPA728
RL = 1kΩ, 0.25V < VO < (V+) –0.25V
96
dB
Over Temperature, OPA2727, OPA4727
RL = 1kΩ, 0.35V < VO < (V+) –0.35V
96
dB
FREQUENCY RESPONSE
CL = 20 pF
Gain-Bandwidth Product
GBW
20
MHz
Slew Rate
SR
G = +1
30
V/
µs
Settling Time, 0.1%
ts
VS = ±6V, 5V Step, G = +1
350
ns
Settling Time,
0.01%
VS = ±6V, 5V Step, G = +1
450
ns
Overload Recovery Time
VIN × Gain > VS
50
ns
Total Harmonic Distortion + Noise
THD+N
VS = ±6V, VOUT = 2VRMS, RL = 600Ω,
0.003
%
G = +1, f = 1kHz
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com