Electronic Components Datasheet Search
  English  ▼

X  

OPA727 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA727 Datasheet HTML 10Page - Texas Instruments OPA727 Datasheet HTML 11Page - Texas Instruments OPA727 Datasheet HTML 12Page - Texas Instruments OPA727 Datasheet HTML 13Page - Texas Instruments OPA727 Datasheet HTML 14Page - Texas Instruments OPA727 Datasheet HTML 15Page - Texas Instruments OPA727 Datasheet HTML 16Page - Texas Instruments OPA727 Datasheet HTML 17Page - Texas Instruments OPA727 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
DCGain=1
1/2
OPA2727
C
1
1nF
C
2
330pF
R
2
15.9kW
R
1
1.93kW
2.2nF
C
3
C
4
100pF
R
4
22.3kW
R
3
2.07kW
CutoffFrequency=50kHz
1/2
OPA2727
V
O
DFN PACKAGE
LAYOUT GUIDELINES
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
Note:
FilterPro is a low-pass filter design program available for download at no cost from TI’s web site (www.ti.com). The
program can be used to determine component values for other cutoff frequencies or filter types.
Figure 34. Four-Pole Butterworth Sallen-Key Low-Pass Filter
The OPA727 series uses the DFN-8 (also known as
The leadframe die pad should be soldered to a
SON), which is a QFN package with lead contacts on
thermal pad on the PCB. A mechanical data sheet
only two sides of the bottom of the package. This
showing an example layout is attached at the end of
leadless, near-chip-scale package maximizes board
this data sheet. Refinements to this layout may be
space
and
enhances
thermal
and
electrical
required based on assembly process requirements.
characteristics through an exposed pad.
Mechanical drawings located at the end of this data
sheet list the physical dimensions for the package
DFN packages are physically small, have a smaller
and pad. The five holes in the landing pattern are
routing area, improved thermal performance, and
optional, and are intended for use with thermal vias
improved electrical parasitics, with a pinout scheme
that connect the leadframe die pad to the heatsink
that
is
consistent
with
other
commonly-used
area on the PCB.
packages, such as SO and MSOP. Additionally, the
absence of external leads eliminates bent-lead
Soldering the exposed pad significantly improves
issues.
board-level reliability during temperature cycling, key
push, package shear, and similar board-level tests.
The DFN package can be easily mounted using
Even
with
applications
that
have
low-power
standard
printed
circuit
board
(PCB)
assembly
dissipation, the exposed pad must be soldered to the
techniques. See Application Note, QFN/SON PCB
PCB to provide structural integrity and long-term
Attachment
(SLUA271)
and
Application
Report,
reliability.
Quad Flatpack No-Lead Logic Packages (SCBA017),
both available for download at www.ti.com.
The exposed leadframe die pad on the bottom of
the package should be connected to V–.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com