Electronic Components Datasheet Search
  English  ▼

X  

OPA727 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 5 Page - Texas Instruments

  OPA727 Datasheet HTML 1Page - Texas Instruments OPA727 Datasheet HTML 2Page - Texas Instruments OPA727 Datasheet HTML 3Page - Texas Instruments OPA727 Datasheet HTML 4Page - Texas Instruments OPA727 Datasheet HTML 5Page - Texas Instruments OPA727 Datasheet HTML 6Page - Texas Instruments OPA727 Datasheet HTML 7Page - Texas Instruments OPA727 Datasheet HTML 8Page - Texas Instruments OPA727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
ELECTRICAL CHARACTERISTICS: V
S = +4V to +12V or VS = ±2V to ±6V (continued)
Boldface limits apply over the specified temperature range, T
A = –40°C to +125°C.
At T
A = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA727, OPA728,
OPA2727, OPA4727
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ, AOL > 110dB
100
150
mV
Over Temperature
RL = 100kΩ, AOL > 100dB
150
mV
RL = 1kΩ, AOL > 106dB
200
250
mV
Over Temperature, OPA727, OPA728
RL = 1kΩ, AOL > 96dB
250
mV
Over Temperature, OPA2727, OPA4727
RL = 1kΩ, AOL > 96dB
350
mV
Output Current
IOUT
|VS – VOUT| < 1V
40
mA
Short-Circuit Current
ISC
±55
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
f = 1MHz, IO = 0
40
Ω
ENABLE/SHUTDOWN (OPA728)
tOFF
5
µs
tON
80
µs
Enable Reference (Ref Pin) Voltage Range
V–
(V+) –2
V
VL (amplifier is disabled)
< VDGND+0.8V
V
VH (amplifier is enabled)
> VDGND+2V
V
Input Bias Current of Enable Pin
5
pA
IQSD
Amplifier Disabled
6
15
µA
POWER SUPPLY
Specified Voltage Range
VS
4
12
V
3.5 to
Operating Voltage Range
VS
V
13.2
Quiescent Current (per amplifier)
IQ
4.3
6.5
mA
Over Temperature
6.5
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+125
°C
Storage Range
–55
+150
°C
Thermal Resistance
θ
JA
MSOP-8, SO-8
150
°C/W
TSSOP-14
100
°C/W
DFN-8
46
°C/W
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com