Electronic Components Datasheet Search
  English  ▼

X  

OPA727 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 1 Page - Texas Instruments

  OPA727 Datasheet HTML 1Page - Texas Instruments OPA727 Datasheet HTML 2Page - Texas Instruments OPA727 Datasheet HTML 3Page - Texas Instruments OPA727 Datasheet HTML 4Page - Texas Instruments OPA727 Datasheet HTML 5Page - Texas Instruments OPA727 Datasheet HTML 6Page - Texas Instruments OPA727 Datasheet HTML 7Page - Texas Instruments OPA727 Datasheet HTML 8Page - Texas Instruments OPA727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
OP
A2727
OP
A2727
OP
A727
OP
A728
OP
A727
OP
A728
OP
A4727
FEATURES
DESCRIPTION
APPLICATIONS
OPAx727 AND OPAx728 RELATED PRODUCTS
-
V
B
V
OUT
+12V
OPA727
l
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
e-trim™ 20MHz, High Precision CMOS
Operational Amplifier
• OFFSET: 15µV (typ), 150µV (max)
The OPA727 and OPA728 series op amps use a
state-of-the-art 12V analog CMOS process and
• DRIFT: 0.3µV/°C (typ), 1.5µV/°C (max)
e-trim, a package-level trim, offering outstanding dc
• BANDWIDTH: 20MHz
precision and ac performance. The extremely low
• SLEW RATE: 30V/µs
offset (150
µV max) and drift (1.5µV/°C) are achieved
• BIAS CURRENT: 500pA (max)
by trimming the IC digitally after packaging to avoid
the shift in parameters as a result of stresses during
• LOW NOISE: 6nV/√Hz at 100kHz
package assembly. To correct for offset drift, the
• THD+N: 0.0003% at 1kHz
OPA727
and
OPA728
family
is
trimmed
over
• QUIESCENT CURRENT: 4.3mA/ch
temperature. The devices feature very high CMRR
and open-loop gain to minimize errors.
• SUPPLY VOLTAGE: 4V to 12V
• SHUTDOWN MODE (OPA728): 6µA
Excellent ac characteristics, such as 20MHz GBW,
30V/
µs slew rate and 0.0003% THD+N make the
OPA727 and OPA728 well-suited for communication,
high-end audio, and active filter applications. With a
• OPTICAL NETWORKING
bias current of less than 500pA, they are well suited
• TRANSIMPEDANCE AMPLIFIERS
for
use
as
transimpedance
(I/V-conversion)
• INTEGRATORS
amplifiers for monitoring optical power in ONET
applications.
• ACTIVE FILTERS
• A/D CONVERTER DRIVERS
Optimized for single-supply operation up to 12V, the
• I/V CONVERTER FOR DACs
input common-mode range extends to GND for true
single-supply functionality. The output swings to
• HIGH PERFORMANCE AUDIO
within 150mV of the rails, maximizing dynamic range.
• PROCESS CONTROL
The low quiescent current of 4.3mA makes it
• TEST EQUIPMENT
well-suited for use in battery-operated equipment.
The
OPA728
shutdown
version
reduces
the
quiescent current to typically 6
µA and features a
reference pin for easy shutdown operation with
FEATURES
PRODUCT
standard CMOS logic in dual-supply applications.
20MHz, 3mV, 4
µV/°C
OPA725
(non-e-trim version of OPA727)
For ease of use, the OPA727 and OPA728 op amp
20MHz, 3mV, 4
µV/°C, Shutdown
OPA726
families are fully specified and tested over the supply
(non-e-trim version of OPA728)
range of 4V to 12V. The OPA727 (single) and
OPA728 (single with shutdown) are available in
MSOP-8
and
DFN-8;
the
OPA2727
(dual)
is
available in DFN-8 and SO-8; and the quad version
OPA4727 in TSSOP-14. All versions are specified for
operation from –40
°C to +125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
e-trim is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA727

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
OPA727 TI1-OPA727 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA727 TI1-OPA727 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA727

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com