Electronic Components Datasheet Search
  English  ▼

X  

OPA727 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA727
Description  e-trim 20MHz, High Precision CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA727 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA727 Datasheet HTML 5Page - Texas Instruments OPA727 Datasheet HTML 6Page - Texas Instruments OPA727 Datasheet HTML 7Page - Texas Instruments OPA727 Datasheet HTML 8Page - Texas Instruments OPA727 Datasheet HTML 9Page - Texas Instruments OPA727 Datasheet HTML 10Page - Texas Instruments OPA727 Datasheet HTML 11Page - Texas Instruments OPA727 Datasheet HTML 12Page - Texas Instruments OPA727 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
Capacitive Load (pF)
90
80
70
60
50
40
30
20
10
0
G = +1
G= –1
C =3pF
F
G=+5
C =1pF
F
10
100
1000
OffsetVoltage( V)
m
V = 5V
S
±
Offset Voltage Drift ( V/ C)
m
°
0
V = 5V
S
±
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Offset Voltage Drift ( V/ C)
m
°
V = 5V
S
±
100ns/div
G=+1
R =10k
C =20pF
L
L
W
Temperature ( C)
°
–50
300
200
100
0
–100
–200
–300
4s
7 Representative Units Shown
V = 5V
S
±
–25
0
25
50
75
100
125
4s
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 19.
Figure 20.
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
(0
°C TO +85°C)
(–40
°C TO +125°C)
Figure 21.
Figure 22.
OFFSET VOLTAGE vs TEMPERATURE
SMALL-SIGNAL STEP RESPONSE
Figure 23.
Figure 24.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com