Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 217 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 217 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 213Page - Microchip Technology DM163006 Datasheet HTML 214Page - Microchip Technology DM163006 Datasheet HTML 215Page - Microchip Technology DM163006 Datasheet HTML 216Page - Microchip Technology DM163006 Datasheet HTML 217Page - Microchip Technology DM163006 Datasheet HTML 218Page - Microchip Technology DM163006 Datasheet HTML 219Page - Microchip Technology DM163006 Datasheet HTML 220Page - Microchip Technology DM163006 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 217
PIC18C601/801
FIGURE 20-1:
GENERAL FORMAT FOR INSTRUCTIONS
Byte-oriented file register operations
15
10
9
8
7
0
d = 0 for result destination to be WREG register
OPCODE
d
a
f (FILE #)
d = 1 for result destination to be file register (f)
a = 0 to force Access Bank
Bit-oriented file register operations
15
12 11
9
8 7
0
OPCODE
b (BIT #) a
f (FILE #)
b = 3-bit position of bit in file register (f)
Literal operations
15
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
Byte to Byte move operations (2-word)
15
12 11
0
OPCODE
f (Source FILE #)
CALL, GOTO and Branch operations
15
8 7
0
OPCODE
n<7:0> (literal)
n = 20-bit immediate value
a = 1 for BSR to select Bank
f = 8-bit file register address
a = 0 to force Access Bank
a = 1 for BSR to select Bank
f = 8-bit file register address
15
12 11
0
1111
n<19:8> (literal)
15
12 11
0
1111
f (Destination FILE #)
f = 12-bit file register address
Control operations
Example Instruction
ADDWF MYREG, W
MOVFF MYREG1, MYREG2
BSF MYREG, bit
MOVLW 7Fh
GOTO Label
15
8 7
0
OPCODE
n<7:0> (literal)
15
12 11
0
n<19:8> (literal)
CALL MYFUNC
15
11 10
0
OPCODE
n<10:0> (literal)
S = Fast bit
BRA MYFUNC
15
8 7
0
OPCODE
n<7:0> (literal)
BC MYFUNC
S
1111
15
6
4
0
OPCODE
15
11
7
0
k<7:0> (literal)
LFSR FSR0, 100h
f
k<11:8>(lit.)
1111
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com