Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 215 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 215 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 211Page - Microchip Technology DM163006 Datasheet HTML 212Page - Microchip Technology DM163006 Datasheet HTML 213Page - Microchip Technology DM163006 Datasheet HTML 214Page - Microchip Technology DM163006 Datasheet HTML 215Page - Microchip Technology DM163006 Datasheet HTML 216Page - Microchip Technology DM163006 Datasheet HTML 217Page - Microchip Technology DM163006 Datasheet HTML 218Page - Microchip Technology DM163006 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 215
PIC18C601/801
20.0
INSTRUCTION SET SUMMARY
The
PIC18C601/801
instruction
set
adds
many
enhancements to the previous PICmicro® instruction
sets, while maintaining an easy migration path from
them.
With few exceptions, instructions are a single program
memory word (16-bits). Each single word instruction is
divided into an OPCODE, which specifies the instruc-
tion type, and one or more operands which further
specify the operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18C601/801 instruction set summary in
Table 20-2 lists byte-oriented, bit-oriented, literal
and control operations. Table 20-1 shows the opcode
field descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (represented by ’f’)
2.
The destination of the result
(represented by ’d’)
3.
The accessed memory
(represented by ’a’)
The file register designator ‘f’ specifies which file regis-
ter is to be used by the instruction.
The destination designator ‘d’ specifies where the
result of the operation is to be placed. If 'd' is zero, the
result is placed in the WREG register. If 'd' is one, the
result is placed in the file register specified in the
instruction.
All bit-oriented instructions have three operands:
1.
The file register (represented by ’f’)
2.
The bit in the file register
(represented by ’b’)
3.
The accessed memory
(represented by ’a’)
The bit field designator 'b' selects the number of the bit
affected by the operation, while the file register desig-
nator 'f' represents the number of the file in which the
bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(represented by ’k’)
• The desired FSR register to load the literal value
into (represented by ’f’)
• No operand required
(specified by ’—’)
The control instructions may use some of the following
operands:
• A program memory address (represented by ’n’)
• The mode of the Call or Return instructions
(represented by ’s’)
• The mode of the Table Read and Table Write
instructions (represented by ’m’)
• No operand required
(specified by ’—’)
All instructions are a single word, except for four double
word instructions. These four instructions were made
double word instructions so that all the required infor-
mation is available in these 32 bits. In the second word,
the 4 MSbs are 1’s. If this second word is executed as
an instruction (by itself), it will execute as a NOP.
All single word instructions are executed in a single
instruction cycle, unless a conditional test is true, or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles, with the additional instruction cycle(s) executed
as a NOP.The double word instructions execute in two
instruction cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
µs. If a conditional test is
true, or the program counter is changed as a result of
an instruction, the instruction execution time is 2
µs.
Two word branch instructions (if true) would take 3
µs.
Figure 20-1 shows the general formats that the instruc-
tions can have. All examples use the format ‘nnh’ to
represent a hexadecimal number, where ‘h’ signifies
a hexadecimal digit.
The Instruction Set Summary, shown in Table 20-2,
lists the instructions recognized by the Microchip
assembler (MPASMTM).
Section 20.1 provides a description of each instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com