Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 216 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 216 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 212Page - Microchip Technology DM163006 Datasheet HTML 213Page - Microchip Technology DM163006 Datasheet HTML 214Page - Microchip Technology DM163006 Datasheet HTML 215Page - Microchip Technology DM163006 Datasheet HTML 216Page - Microchip Technology DM163006 Datasheet HTML 217Page - Microchip Technology DM163006 Datasheet HTML 218Page - Microchip Technology DM163006 Datasheet HTML 219Page - Microchip Technology DM163006 Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 320 page
background image
PIC18C601/801
DS39541A-page 216
Advance Information
 2001 Microchip Technology Inc.
TABLE 20-1:
OPCODE FIELD DESCRIPTIONS
Field
Description
a
RAM access bit
a = 0: RAM location in Access RAM (BSR register is ignored)
a = 1: RAM bank is specified by BSR register
ACCESS
ACCESS = 0: RAM access bit symbol
BANKED
BANKED = 1: RAM access bit symbol
bbb
Bit address within an 8-bit file register (0 to 7)
BSR
Bank Select Register. Used to select the current RAM bank.
d
Destination select bit;
d = 0: store result in WREG,
d = 1: store result in file register f.
dest
Destination either the WREG register or the specified register file location
f
8-bit Register file address (00h to FFh)
fs
12-bit Register file address (000h to FFFh). This is the source address.
fd
12-bit Register file address (000h to FFFh). This is the destination address.
k
Literal field, constant data or label (may be either an 8-bit, 12-bit or a 20-bit value)
label
Label name
mm
The mode of the TBLPTR register for the Table Read and Table Write instructions
Only used with Table Read and Table Write instructions:
*
No change to register (such as TBLPTR with Table reads and writes)
*+
Post-Increment register (such as TBLPTR with Table reads and writes)
*-
Post-Decrement register (such as TBLPTR with Table reads and writes)
+*
Pre-Increment register (such as TBLPTR with Table reads and writes)
n
The relative address (2’s complement number) for relative branch instructions, or the direct
address for Call/Branch and Return instructions
PRODH
Product of Multiply high byte (Register at address FF4h)
PRODL
Product of Multiply low byte (Register at address FF3h)
s
Fast Call / Return mode select bit.
s = 0: do not update into/from shadow registers
s = 1: certain registers loaded into/from shadow registers (Fast mode)
u
Unused or Unchanged (Register at address FE8h)
W
W = 0: Destination select bit symbol
WREG
Working register (accumulator) (Register at address FE8h)
x
Don't care (0 or 1)
The assembler will generate code with x = 0. It is the recommended form of use for compatibility
with all Microchip software tools.
TBLPTR
21-bit Table Pointer (points to a Program Memory location) (Register at address FF6h)
TABLAT
8-bit Table Latch (Register at address FF5h)
TOS
Top-of-Stack
PC
Program Counter
PCL
Program Counter Low Byte (Register at address FF9h)
PCH
Program Counter High Byte
PCLATH
Program Counter High Byte Latch (Register at address FFAh)
PCLATU
Program Counter Upper Byte Latch (Register at address FFBh)
GIE
Global Interrupt Enable bit
WDT
Watchdog Timer
TO
Time-out bit
PD
Power-down bit
C, DC, Z, OV, N
ALU status bits Carry, Digit Carry, Zero, Overflow, Negative
[
]
Optional
(
)
Contents
→
Assigned to
< >
Register bit field
∈
In the set of
italics
User defined term (font is courier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com