Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 211 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 211 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 207Page - Microchip Technology DM163006 Datasheet HTML 208Page - Microchip Technology DM163006 Datasheet HTML 209Page - Microchip Technology DM163006 Datasheet HTML 210Page - Microchip Technology DM163006 Datasheet HTML 211Page - Microchip Technology DM163006 Datasheet HTML 212Page - Microchip Technology DM163006 Datasheet HTML 213Page - Microchip Technology DM163006 Datasheet HTML 214Page - Microchip Technology DM163006 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 211
PIC18C601/801
19.2.2
WDT POSTSCALER
The WDT has a postscaler that can extend the WDT
Reset period. The postscaler may be programmed by
the user software or is selected by configuration bits
WDTPS<2:0> in the CONFIG2H register. If the device
has the Watchdog Timer enabled by configuration bits,
the device will use predefined set postscaler value. If
the device has the Watchdog Timer disabled by config-
uration bits, user software can set desired postscaler
value. When the device has the Watchdog Timer
enabled by configuration bits, by default, Watchdog
postscaler of 1:128 is selected.
FIGURE 19-1:
Watchdog Timer Block Diagram
TABLE 19-2:
SUMMARY OF WATCHDOG TIMER REGISTERS
Postscaler
WDT Timer
8 - to - 1 MUX
WDTPS2:WDTPS0
WDT
Time-out
8
SWDTEN bit
Note: WDPS2:WDPS0 are bits in a configuration register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CONFIG2H
—
—
—
—
WDTPS2
WDTPS1
WDTPS0
WDTEN
RCON
IPEN
r
—
RI
TO
PD
POR
r
WDTCON
—
—
—
—
SWDPS2
SWDPS1
SWDPS0
SWDTEN
Legend: Shaded cells are not used by the Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com